Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS75103YFFR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS75103YFFR
Description  Low Dropout, Two-Bank LED Driver with PWM Brightness Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS75103YFFR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS75103YFFR Datasheet HTML 4Page - Texas Instruments TPS75103YFFR Datasheet HTML 5Page - Texas Instruments TPS75103YFFR Datasheet HTML 6Page - Texas Instruments TPS75103YFFR Datasheet HTML 7Page - Texas Instruments TPS75103YFFR Datasheet HTML 8Page - Texas Instruments TPS75103YFFR Datasheet HTML 9Page - Texas Instruments TPS75103YFFR Datasheet HTML 10Page - Texas Instruments TPS75103YFFR Datasheet HTML 11Page - Texas Instruments TPS75103YFFR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
www.ti.com
140
20
420 460 500
60 100
180
R
(k )
W
SET
28
26
24
22
20
18
16
14
12
10
8
6
4
2
0
220 260 300 340 380
ExpandedRange
50
20
100
30
40
60
R
(k )
W
SET
28
26
24
22
20
18
16
14
12
10
8
6
4
2
0
70
80
90
4.0
2.5
5.5
3.0
3.5
4.5
V
(V)
IN
180
175
170
165
160
155
5.0
+85 C
°
+25 C
°
-
°
40 C
V
(V)
IN
5.4
5.3
5.2
5.1
5.0
4.9
4.8
4.7
4.6
3.4
4.4
4.9
5.4
3.9
5.9
+25 C
°
+85 C
°
-40 C
°
20
-40
-20
0
40
Temperature( C)
°
5.4
5.3
5.2
5.1
5.0
4.9
4.8
4.7
4.6
60
80
85
I
D2B
OUT
I
D1B
OUT
I
D2A
OUT
I
D1A
OUT
1.5
0
4.0
0.5
1.0
2.0
V
(V)
OUT
20
18
16
14
12
10
8
6
4
2
0
2.5
3.0
3.5
+85 C
°
+25 C
°
-
°
40 C
TPS7510x
SBVS080E – SEPTEMBER 2006 – REVISED JANUARY 2008
TYPICAL CHARACTERISTICS (continued)
Over operating junction temperature range (TJ = –40°C to +85°C), VIN = 3.8V, DxA and DxB = 3.3V, RSET = 32.4kΩ, and ENA
and ENB = high, unless otherwise noted. Typical values are at TA = +25°C.
OUTPUT CURRENT vs RSET
OUTPUT CURRENT vs RSET
Figure 7.
Figure 8.
TPS75105 OUTPUT CURRENT vs INPUT VOLTAGE
GROUND CURRENT vs INPUT VOLTAGE
RSET = Open
Figure 9.
Figure 10.
TPS75105 OUTPUT CURRENT vs TEMPERATURE
RSET = Open
OUTPUT CURRENT vs OUTPUT VOLTAGE
Figure 11.
Figure 12.
8
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS7510x


Numéro de pièce similaire - TPS75103YFFR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS75103YFFR TI-TPS75103YFFR Datasheet
363Kb / 15P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75103YFFR TI1-TPS75103YFFR Datasheet
588Kb / 19P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75103YFFR TI1-TPS75103YFFR Datasheet
1Mb / 22P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75103YFFR TI1-TPS75103YFFR Datasheet
1Mb / 27P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver With PWM Brightness Control
More results

Description similaire - TPS75103YFFR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7510X TI-TPS7510X Datasheet
363Kb / 15P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75100 TI1-TPS75100 Datasheet
1Mb / 27P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver With PWM Brightness Control
TPS75103 TI1-TPS75103 Datasheet
588Kb / 19P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS7510X TI1-TPS7510X_16 Datasheet
1Mb / 22P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
   White LED Driver with PWM Brightness Control in Small Package
logo
Texas Instruments
LP5524 TI1-LP5524_16 Datasheet
840Kb / 19P
[Old version datasheet]   LP5524 Parallel LED Driver With PWM Brightness Control in DSBGA Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com