Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALS568AN Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce SN74ALS568AN
Description  SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS WITH 3-STATE OUTPUTS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS568AN Fiches technique(HTML) 10 Page - Texas Instruments

Back Button SN74ALS568AN Datasheet HTML 6Page - Texas Instruments SN74ALS568AN Datasheet HTML 7Page - Texas Instruments SN74ALS568AN Datasheet HTML 8Page - Texas Instruments SN74ALS568AN Datasheet HTML 9Page - Texas Instruments SN74ALS568AN Datasheet HTML 10Page - Texas Instruments SN74ALS568AN Datasheet HTML 11Page - Texas Instruments SN74ALS568AN Datasheet HTML 12Page - Texas Instruments SN74ALS568AN Datasheet HTML 13Page - Texas Instruments SN74ALS568AN Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
SN54ALS569A, SN74ALS568A, SN74ALS569A
SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS
WITH 3-STATE OUTPUTS
SDAS229A – APRIL 1982 – REVISED JANUARY 1995
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
,
R2 = 500
,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
SN54ALS569A
SN74ALS568A
SN74ALS569A
MIN
MAX
MIN
MAX
f
SN74ALS568A
20
MHz
fmax
′ALS569A
22
30
MHz
tPLH
CLK
An Q
4
21
4
13
ns
tPHL
CLK
Any Q
7
19
7
16
ns
tPLH
CLK
RCO
12
37
12
28
ns
tPHL
CLK
RCO
10
28
10
19
ns
tPLH
CLK
CCO
5
17
5
13
ns
tPHL
CLK
CCO
6
30
6
25
ns
tPLH
U/D
RCO
9
31
9
23
ns
tPHL
U/D
RCO
9
33
9
19
ns
tPLH
ENT
RCO
6
21
6
15
ns
tPHL
ENT
RCO
4
20
4
13
ns
tPLH
ENT
CCO
5
18
5
13
ns
tPHL
ENT
CCO
9
32
9
23
ns
tPLH
ENP
CCO
4
18
4
12
ns
tPHL
ENP
CCO
5
18
5
14
ns
tPHL
ACLR
Any Q
9
25
9
20
ns
tPZH
OE
An Q
6
23
6
18
ns
tPZL
OE
Any Q
6
29
6
24
ns
tPHZ
OE
Any Q
1
12
1
10
ns
tPLZ
OE
Any Q
3
29
3
13
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Numéro de pièce similaire - SN74ALS568AN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS568AN TI-SN74ALS568AN Datasheet
610Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ALS568AN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ALS569A TI-SN54ALS569A Datasheet
610Kb / 20P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS WITH 3-STATE OUTPUTS
SN54ALS190 TI-SN54ALS190 Datasheet
140Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS
logo
National Semiconductor ...
MM54HC192 NSC-MM54HC192 Datasheet
180Kb / 8P
   Synchronous Decade Up/Down Counters Synchronous Binary Up/Down Counters
logo
Texas Instruments
SN54ALS161B TI-SN54ALS161B_08 Datasheet
922Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI1-SN54HC160_12 Datasheet
626Kb / 17P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B_07 Datasheet
689Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B Datasheet
220Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI-SN54HC160 Datasheet
300Kb / 15P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI1-SN54ALS161B_15 Datasheet
927Kb / 26P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS160B TI-SN54ALS160B Datasheet
160Kb / 11P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com