Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74BCT543DWRE4 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce SN74BCT543DWRE4
Description  OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74BCT543DWRE4 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button SN74BCT543DWRE4 Datasheet HTML 7Page - Texas Instruments SN74BCT543DWRE4 Datasheet HTML 8Page - Texas Instruments SN74BCT543DWRE4 Datasheet HTML 9Page - Texas Instruments SN74BCT543DWRE4 Datasheet HTML 10Page - Texas Instruments SN74BCT543DWRE4 Datasheet HTML 11Page - Texas Instruments SN74BCT543DWRE4 Datasheet HTML 12Page - Texas Instruments SN74BCT543DWRE4 Datasheet HTML 13Page - Texas Instruments SN74BCT543DWRE4 Datasheet HTML 14Page - Texas Instruments SN74BCT543DWRE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MECHANICAL DATA
MCER004A – JANUARY 1995 – REVISED JANUARY 1997
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
JT (R-GDIP-T**)
CERAMIC DUAL-IN-LINE
24 LEADS SHOWN
4040110/C 08/96
B
0.200 (5,08) MAX
0.320 (8,13)
0.290 (7,37)
0.130 (3,30) MIN
0.008 (0,20)
0.014 (0,36)
Seating Plane
13
12
0.030 (0,76)
0.070 (1,78)
0.015 (0,38) MIN
A
24
1
0.100 (2,54) MAX
0.023 (0,58)
0.015 (0,38)
0.100 (2,54)
0
°–15°
1.440
(37,08)
1.460
0.285
(7,39)
0.291
(36,58)
(7,24)
28
PINS **
1.280
1.240
0.300
0.245
(7,62)
DIM
B MAX
A MAX
A MIN
B MIN
(6,22)
24
(32,51)
(31,50)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. This package can be hermetically sealed with a ceramic lid using glass frit.
D. Index point is provided on cap for terminal identification.
E. Falls within MIL STD 1835 GDIP3-T24, GDIP4-T28, and JEDEC MO-058 AA, MO-058 AB


Numéro de pièce similaire - SN74BCT543DWRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74BCT543DWR TI-SN74BCT543DWR Datasheet
303Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - SN74BCT543DWRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54BCT544 TI-SN54BCT544 Datasheet
89Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A Datasheet
450Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A_07 Datasheet
485Kb / 21P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A_08 Datasheet
606Kb / 20P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74BCT543 TI-SN74BCT543 Datasheet
303Kb / 13P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A_07 Datasheet
498Kb / 23P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543 TI1-SN54ABT543 Datasheet
140Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT652A TI-SN54ABT652A_08 Datasheet
621Kb / 22P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT543A TI-SN54ABT543A Datasheet
435Kb / 18P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT543 TI-SN54BCT543 Datasheet
100Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com