Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AHC1G00DCKT Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AHC1G00DCKT
Description  SINGLE 2-INPUT POSITIVE-NAND GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC1G00DCKT Fiches technique(HTML) 2 Page - Texas Instruments

  SN74AHC1G00DCKT Datasheet HTML 1Page - Texas Instruments SN74AHC1G00DCKT Datasheet HTML 2Page - Texas Instruments SN74AHC1G00DCKT Datasheet HTML 3Page - Texas Instruments SN74AHC1G00DCKT Datasheet HTML 4Page - Texas Instruments SN74AHC1G00DCKT Datasheet HTML 5Page - Texas Instruments SN74AHC1G00DCKT Datasheet HTML 6Page - Texas Instruments SN74AHC1G00DCKT Datasheet HTML 7Page - Texas Instruments SN74AHC1G00DCKT Datasheet HTML 8Page - Texas Instruments SN74AHC1G00DCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SN74AHC1G00
SINGLE 2INPUT POSITIVENAND GATE
SCLS313M − MARCH 1996 − REVISED JUNE 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DBV package
206
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DCK package
252
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DRL package
142
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
2
5.5
V
VCC = 2 V
1.5
VIH
High-level input voltage
VCC = 3 V
2.1
V
VIH
High-level input voltage
VCC = 5.5 V
3.85
V
VCC = 2 V
0.5
VIL
Low-level input voltage
VCC = 3 V
0.9
V
VIL
Low-level input voltage
VCC = 5.5 V
1.65
V
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 2 V
−50
mA
IOH
High-level output current
VCC = 3.3 V ± 0.3 V
−4
mA
IOH
High-level output current
VCC = 5 V ± 0.5 V
−8
mA
VCC = 2 V
50
mA
IOL
Low-level output current
VCC = 3.3 V ± 0.3 V
4
mA
IOL
Low-level output current
VCC = 5 V ± 0.5 V
8
mA
∆t/∆v
Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
100
ns/V
∆t/∆v
Input transition rise or fall rate
VCC = 5 V ± 0.5 V
20
ns/V
TA
Operating free-air temperature
−40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Numéro de pièce similaire - SN74AHC1G00DCKT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHC1G00DCKT TI-SN74AHC1G00DCKT Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DCKT TI1-SN74AHC1G00DCKT Datasheet
1Mb / 24P
[Old version datasheet]   SN74AHC1G00 Single 2-Input Positive-NAND Gate
SN74AHC1G00DCKT TI1-SN74AHC1G00DCKT Datasheet
1Mb / 29P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
SN74AHC1G00DCKTE4 TI-SN74AHC1G00DCKTE4 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DCKTG4 TI-SN74AHC1G00DCKTG4 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
More results

Description similaire - SN74AHC1G00DCKT

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHCT1G00 TI1-SN74AHCT1G00_15 Datasheet
1,001Kb / 20P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74AHC1G00Q DIODES-74AHC1G00Q Datasheet
523Kb / 9P
   SINGLE 2-INPUT POSITIVE NAND GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com