Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AHC1G00DCKR Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AHC1G00DCKR
Description  SINGLE 2-INPUT POSITIVE-NAND GATE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AHC1G00DCKR Fiches technique(HTML) 1 Page - Texas Instruments

  SN74AHC1G00DCKR Datasheet HTML 1Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 2Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 3Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 4Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 5Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 6Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 7Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 8Page - Texas Instruments SN74AHC1G00DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN74AHC1G00
SINGLE 2INPUT POSITIVENAND GATE
SCLS313M − MARCH 1996 − REVISED JUNE 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Range of 2 V to 5.5 V
D Max tpd of 6.5 ns at 5 V
D Low Power Consumption, 10-µA Max ICC
D ±8-mA Output Drive at 5 V
D Schmitt Trigger Action at All Inputs Makes
the Circuit Tolerant for Slower Input Rise
and Fall Time
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
3
2
4
5
1
AVCC
Y
B
GND
DBV PACKAGE
(TOP VIEW)
DCK PACKAGE
(TOP VIEW)
3
2
4
5
1
AVCC
Y
B
GND
3
2
4
5
1
AVCC
Y
B
GND
DRL PACKAGE
(TOP VIEW)
See mechanical drawings for dimensions.
description/ordering information
The SN74AHC1G00 performs the Boolean function Y = A
• B or Y = A + B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING‡
SOT (SOT-23) – DBV
Reel of 3000
SN74AHC1G00DBVR
A00_
SOT (SOT-23) – DBV
Reel of 250
SN74AHC1G00DBVT
A00_
−40
°C to 85°C
SOT (SC-70) – DCK
Reel of 3000
SN74AHC1G00DCKR
AA_
−40 C to 85 C
SOT (SC-70) – DCK
Reel of 250
SN74AHC1G00DCKT
AA_
SOT (SOT-553) – DRL
Reel of 4000
SN74AHC1G00DRLR
AA_
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
‡ The actual top-side marking has one additional character that designates the assembly/test site.
FUNCTION TABLE
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
H
L
L
XH
X
L
H
logic diagram (positive logic)
1
2
4
A
B
Y
Copyright
 2005, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Numéro de pièce similaire - SN74AHC1G00DCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHC1G00DCKR TI-SN74AHC1G00DCKR Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DCKR TI1-SN74AHC1G00DCKR Datasheet
1Mb / 24P
[Old version datasheet]   SN74AHC1G00 Single 2-Input Positive-NAND Gate
SN74AHC1G00DCKR TI1-SN74AHC1G00DCKR Datasheet
1Mb / 29P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
SN74AHC1G00DCKRE4 TI-SN74AHC1G00DCKRE4 Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DCKRE4 TI1-SN74AHC1G00DCKRE4 Datasheet
1Mb / 24P
[Old version datasheet]   SN74AHC1G00 Single 2-Input Positive-NAND Gate
More results

Description similaire - SN74AHC1G00DCKR

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHCT1G00 TI1-SN74AHCT1G00_15 Datasheet
1,001Kb / 20P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74AHC1G00Q DIODES-74AHC1G00Q Datasheet
523Kb / 9P
   SINGLE 2-INPUT POSITIVE NAND GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com