Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC129JNP-153 Fiches technique(PDF) 2 Page - Sumida Corporation

No de pièce MC129JNP-153
Description  IFT COILS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

MC129JNP-153 Fiches technique(HTML) 2 Page - Sumida Corporation

  MC129JNP-153 Datasheet HTML 1Page - Sumida Corporation MC129JNP-153 Datasheet HTML 2Page - Sumida Corporation MC129JNP-153 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type: MC-129J, MC-129JA
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
IFT COILS < Pin Type: MC-129 Series>
Connection (Bottom View)
MC-129J
MC-129JA
S”is winding start.
Specification(MC-129J)
NO.
Part No.
Stamp
Inductance
Variable]
at 1 kHz
Unloaded Q
[Min.]
at 50 kHz
D.C.R.(Ω)
[Max.](at 20℃)
Rated Current
(mA) [Ref.]
1
01
MC129JNP-1Ø2
102
1.0mH ± 10%
35
5
154
02
MC129JNP-122
122
1.2mH ± 10%
35
5
147
03
MC129JNP-152
152
1.5mH ± 10%
35
7
137
04
MC129JNP-182
182
1.8mH ± 10%
35
8
116
05
MC129JNP-222
222
2.2mH ± 10%
35
9
110
06
MC129JNP-272
272
2.7mH ± 10%
35
13
90.0
07
MC129JNP-332
332
3.3mH ± 10%
35
15
85.0
08
MC129JNP-392
392
3.9mH ± 10%
35
17
81.2
09
MC129JNP-472
472
4.7mH ± 10%
35
24
65.5
10
MC129JNP-562
562
5.6mH ± 10%
35
26
62.5
11
MC129JNP-682
682
6.8mH ± 10%
35
30
59.0
12
MC129JNP-822
822
8.2mH ± 10%
35
33
55.5
13
MC129JNP-1Ø3
103
10mH ± 10%
35
45
48.0
14
MC129JNP-123
123
12mH ± 10%
35
53
45.5
15
MC129JNP-153
153
15mH ± 10%
35
70
38.5
16
MC129JNP-183
183
18mH ± 10%
35
80
36.5
17
MC129JNP-223
223
22mH ± 10%
35
110
30.5
18
MC129JNP-273
273
27mH ± 10%
35
125
29.0
19
MC129JNP-333
333
33mH ± 10%
35
140
27.0
20
MC129JNP-393
393
39mH ± 10%
30
205
22.0
21
MC129JNP-473
473
47mH ± 10%
30
230
21.0
22
MC129JNP-563
563
56mH ± 10%
30
260
20.0
23
MC129JNP-683
683
68mH ± 10%
25
400
16.0
24
MC129JNP-823
823
82mH ± 10%
25
440
15.0
1 Rated current: The D.C. current at which the inductance decreases to 90% of it’s initial value
or when △t=40℃, whichever is lower(Ta=20℃).
S
S
S
S


Numéro de pièce similaire - MC129JNP-153

FabricantNo de pièceFiches techniqueDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
   HIGH CURRENT INDUCTOR-RoHS
MC1295A-100M FENGJUI-MC1295A-100M Datasheet
141Kb / 2P
   HIGH CURRENT INDUCTOR-RoHS
MC1295A-1R0M FENGJUI-MC1295A-1R0M Datasheet
141Kb / 2P
   HIGH CURRENT INDUCTOR-RoHS
MC1295A-1R5M FENGJUI-MC1295A-1R5M Datasheet
141Kb / 2P
   HIGH CURRENT INDUCTOR-RoHS
MC1295A-2R2M FENGJUI-MC1295A-2R2M Datasheet
141Kb / 2P
   HIGH CURRENT INDUCTOR-RoHS
More results

Description similaire - MC129JNP-153

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
   IFT COILS
MC-129H SUMIDA-MC-129H Datasheet
24Kb / 1P
   IFT COILS
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
   IFT COILS
SM-118 SUMIDA-SM-118 Datasheet
35Kb / 1P
   IFT COILS
M-7GUB SUMIDA-M-7GUB Datasheet
35Kb / 1P
   IFT COILS
M-7LG SUMIDA-M-7LG Datasheet
29Kb / 1P
   IFT COILS
MC-122K SUMIDA-MC-122K Datasheet
19Kb / 1P
   IFT COILS
PT-10 SUMIDA-PT-10 Datasheet
150Kb / 1P
   IFT COILS
P-5LM SUMIDA-P-5LM Datasheet
29Kb / 1P
   IFT COILS
P-5DJ SUMIDA-P-5DJ Datasheet
180Kb / 2P
   IFT COILS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com