Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC129JNP-122 Fiches technique(PDF) 3 Page - Sumida Corporation

No de pièce MC129JNP-122
Description  IFT COILS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

MC129JNP-122 Fiches technique(HTML) 3 Page - Sumida Corporation

  MC129JNP-122 Datasheet HTML 1Page - Sumida Corporation MC129JNP-122 Datasheet HTML 2Page - Sumida Corporation MC129JNP-122 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type: MC-129J, MC-129JA
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
IFT COILS < Pin Type: MC-129 Series>
Specification( MC-129JA) (Part No.S1220159)
Item
4−6)
Measuring
Condition
Inductance
4.25mH±8% Variable
1kHz
Unloaded Q
40Min.
140kHz


Numéro de pièce similaire - MC129JNP-122

FabricantNo de pièceFiches techniqueDescription
logo
FENGJUI TECHNOLOGY CO.,...
MC1295A FENGJUI-MC1295A Datasheet
141Kb / 2P
   HIGH CURRENT INDUCTOR-RoHS
MC1295A-100M FENGJUI-MC1295A-100M Datasheet
141Kb / 2P
   HIGH CURRENT INDUCTOR-RoHS
MC1295A-1R0M FENGJUI-MC1295A-1R0M Datasheet
141Kb / 2P
   HIGH CURRENT INDUCTOR-RoHS
MC1295A-1R5M FENGJUI-MC1295A-1R5M Datasheet
141Kb / 2P
   HIGH CURRENT INDUCTOR-RoHS
MC1295A-2R2M FENGJUI-MC1295A-2R2M Datasheet
141Kb / 2P
   HIGH CURRENT INDUCTOR-RoHS
More results

Description similaire - MC129JNP-122

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
   IFT COILS
MC-129H SUMIDA-MC-129H Datasheet
24Kb / 1P
   IFT COILS
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
   IFT COILS
SM-118 SUMIDA-SM-118 Datasheet
35Kb / 1P
   IFT COILS
M-7GUB SUMIDA-M-7GUB Datasheet
35Kb / 1P
   IFT COILS
M-7LG SUMIDA-M-7LG Datasheet
29Kb / 1P
   IFT COILS
MC-122K SUMIDA-MC-122K Datasheet
19Kb / 1P
   IFT COILS
PT-10 SUMIDA-PT-10 Datasheet
150Kb / 1P
   IFT COILS
P-5LM SUMIDA-P-5LM Datasheet
29Kb / 1P
   IFT COILS
P-5DJ SUMIDA-P-5DJ Datasheet
180Kb / 2P
   IFT COILS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com