Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P-5LGBAM Fiches technique(PDF) 3 Page - Sumida Corporation

No de pièce P-5LGBAM
Description  IFT COILS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

P-5LGBAM Fiches technique(HTML) 3 Page - Sumida Corporation

  P-5LGBAM Datasheet HTML 1Page - Sumida Corporation P-5LGBAM Datasheet HTML 2Page - Sumida Corporation P-5LGBAM Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type: P-5LGB/FM, P-5LGB/AM, P-5LGB/MW ,P-5LGB/SW
Please refer to the sales offices on our website for a representative near you
www.sumida.com
3/3
IFT COILS < Pin Type: P-5 Series>
Specification (P-5LGB/SW)
(Sample No. S1325010)
Part No.
Stamp
Turn
(T)(Ref.)
Wire size
(UEW)
Inductance Range
[Variable]
Qu
(Min)
Measuring
Frequency
P5-1RØ-NP
1R0
9
0.08
1.0μH±3%
45
P5-1R1-NP
1R1
9
0.08
1.1μH±3%
45
P5-1R3-NP
1R3
10
0.08
1.3μH±3%
45
P5-1R5-NP
1R5
11
0.08
1.5μH±3%
50
P5-1R8-NP
1R8
12
0.08
1.8μH±3%
50
P5-2R2-NP
2R2
13
0.08
2.2μH±3%
50
P5-2R4-NP
2R4
14
0.08
2.4μH±3%
50
P5-2R7-NP
2R7
15
0.08
2.7μH±3%
50
P5-3R3-NP
3R3
16
0.08
3.3μH±3%
50
P5-3R6-NP
3R6
17
0.08
3.6μH±3%
50
P5-3R9-NP
3R9
18
0.08
3.9μH±3%
50
P5-4R7-NP
4R7
19
0.08
4.7μH±3%
50
P5-5R1-NP
5R1
20
0.08
5.1μH±3%
50
P5-5R6-NP
5R6
21
0.08
5.6μH±3%
45
P5-6R2-NP
6R2
22
0.08
6.2μH±3%
45
P5-6R8-NP
6R8
23
0.08
6.8μH±3%
50
P5-7R5-NP
7R5
24
0.08
7.5μH±3%
45
P5-8R2-NP
8R2
26
0.08
8.2μH±3%
45
P5-9R1-NP
9R1
27
0.08
9.1μH±3%
45
7.96MHz
P5-1ØØ-NP
100
28
0.08
10μH±3%
50
P5-11Ø-NP
110
30
0.08
11μH±3%
45
P5-12Ø-NP
120
32
0.08
12μH±3%
45
P5-13Ø-NP
130
33
0.07
13μH±3%
45
P5-15Ø-NP
150
35
0.07
15μH±3%
50
P5-16Ø-NP
160
36
0.07
16μH±3%
50
P5-18Ø-NP
180
38
0.07
18μH±3%
50
P5-2ØØ-NP
200
40
0.07
20μH±3%
50
P5-22Ø-NP
220
42
0.06
22μH±3%
50
P5-24Ø-NP
240
44
0.06
24μH±3%
50
P5-27Ø-NP
270
47
0.06
27μH±3%
50
P5-3ØØ-NP
300
49
0.06
30μH±3%
50
P5-33Ø-NP
330
51
0.06
33μH±3%
50
P5-36Ø-NP
360
54
0.06
36μH±3%
50
P5-39Ø-NP
390
56
0.06
39μH±3%
50
P5-43Ø-NP
430
59
0.06
43μH±3%
50
P5-47Ø-NP
470
61
0.06
47μH±3%
50
P5-51Ø-NP
510
64
0.06
51μH±3%
50
P5-56Ø-NP
560
67
0.06
56μH±3%
50
P5-62Ø-NP
620
71
0.06
62μH±3%
50
P5-68Ø-NP
680
74
0.06
68μH±3%
50
P5-75Ø-NP
750
77
0.06
75μH±3%
50
P5-82Ø-NP
820
81
0.06
82μH±3%
50
P5-91Ø-NP
910
85
0.06
91μH±3%
50
2.52MHz


Numéro de pièce similaire - P-5LGBAM

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
P-5LG SUMIDA-P-5LG Datasheet
62Kb / 2P
   IFT COILS < Pin Type: P-5 Series>
P-5LG SUMIDA-P-5LG Datasheet
48Kb / 2P
   IFT COILS < Pin Type P-5 Series>
P-5LG/AM SUMIDA-P-5LG/AM Datasheet
62Kb / 2P
   IFT COILS < Pin Type: P-5 Series>
P-5LG/AM SUMIDA-P-5LG/AM Datasheet
48Kb / 2P
   IFT COILS < Pin Type P-5 Series>
P-5LG/FM SUMIDA-P-5LG/FM Datasheet
62Kb / 2P
   IFT COILS < Pin Type: P-5 Series>
More results

Description similaire - P-5LGBAM

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
   IFT COILS
MC-129H SUMIDA-MC-129H Datasheet
24Kb / 1P
   IFT COILS
MC-129J SUMIDA-MC-129J Datasheet
82Kb / 3P
   IFT COILS
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
   IFT COILS
SM-118 SUMIDA-SM-118 Datasheet
35Kb / 1P
   IFT COILS
M-7GUB SUMIDA-M-7GUB Datasheet
35Kb / 1P
   IFT COILS
M-7LG SUMIDA-M-7LG Datasheet
29Kb / 1P
   IFT COILS
MC-122K SUMIDA-MC-122K Datasheet
19Kb / 1P
   IFT COILS
PT-10 SUMIDA-PT-10 Datasheet
150Kb / 1P
   IFT COILS
P-5LM SUMIDA-P-5LM Datasheet
29Kb / 1P
   IFT COILS
P-5DJ SUMIDA-P-5DJ Datasheet
180Kb / 2P
   IFT COILS
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com