Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SLC-2012-300 Fiches technique(PDF) 1 Page - Sumida Corporation

No de pièce SLC-2012-300
Description  Multilayer Chip LC Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SLC-2012-300 Fiches technique(HTML) 1 Page - Sumida Corporation

  SLC-2012-300 Datasheet HTML 1Page - Sumida Corporation SLC-2012-300 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE
Multilayer Chip LC Filters
——
SLC-2012
1/2
*All specifications are subject to change without notice.
Features
1. Effective for suppressing noise in high speed signal lines.
2. Terminal electrode has excellent solder heat resistance.
3. Lead Free (RoHS compliance).
Applications
1. High resolution video signal lines.
2. EMI countermeasure for clock signal lines.
3. RF module of telecommunication products.
Ordering Information
SLC - 2012 - 300 -
J
T
(1)
(2)
(3)
(4)
(5)
Shape and Dimensions
Electrical Parameters
(1) Series
SLC : Chip LC filter
(4) Termination
J : Nickel barrier
(2) Dimensions
First two digits : length(㎜)
Last two digits : width(㎜)
(5) Packaging
B : Bulk package
T : Tape & Reel (Φ178㎜ [ 7 inches ])
L : Tape & Reel (Φ254㎜ [ 10 inches ])
(3) Cut-off frequency
First two digits are frequency value.
Last digit is the number of zeros.
unit : mm(inches)
Type
L
W
T
C1
C2
SLC-2012-
2.0±0.2
.079±.008〕
1.25±0.2
.049±.008〕
0.8±0.2
.031±.008〕
0.3±0.2
[.012±.008]
0.4±0.2
[.016±.008]
Part No.
Cut-off
Frequency
20dB Attenuation
Frequency range
DC Resistance
Rated Current
Rated Voltage
SLC-2012-250□□
25MHz
65~2500MHz
SLC-2012-300□□
30MHz
65~2500MHz
SLC-2012-500□□
50MHz
90~2500MHz
SLC-2012-101□□
100MHz
210~2500MHz
SLC-2012-151□□
150MHz
350~2500MHz
800 m
Ω Max.
300 mA max.
10 Vdc max.
L
T
C
W
C2


Numéro de pièce similaire - SLC-2012-300

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SLC-21T-2.0 ETC2-SLC-21T-2.0 Datasheet
232Kb / 8P
   Crimping tools and machines
SLC-21T-2.0 ETC2-SLC-21T-2.0 Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
Rohm
SLC-22 ROHM-SLC-22 Datasheet
243Kb / 3P
   Standard Type 2.0 Cylinder Type LED Lamps
SLC-22DU ROHM-SLC-22DU Datasheet
243Kb / 3P
   Standard Type 2.0 Cylinder Type LED Lamps
SLC-22DU ROHM-SLC-22DU Datasheet
129Kb / 3P
   SLC-22 Series
More results

Description similaire - SLC-2012-300

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
SEF-2012 SUMIDA-SEF-2012 Datasheet
314Kb / 2P
   Multilayer Chip LC Filters
logo
Murata Manufacturing Co...
LFB155G37CB1C032 MURATA-LFB155G37CB1C032 Datasheet
129Kb / 9P
   Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
logo
SAMWHA ELECTRIC
CAL2010 SAMWHA-CAL2010 Datasheet
116Kb / 1P
   LC FILTERS
CFL1608 SAMWHA-CFL1608 Datasheet
119Kb / 1P
   LC FILTERS
logo
Murata Manufacturing Co...
LFB155G37CB1C032 MURATA-LFB155G37CB1C032_17 Datasheet
212Kb / 3P
   LC Filters(BPF)
LFL18829MTCRD627 MURATA-LFL18829MTCRD627 Datasheet
167Kb / 2P
   LC Filters(LPF)
logo
Murata Manufacturing Co...
LFB212G45CG7D227 MURATA1-LFB212G45CG7D227 Datasheet
161Kb / 2P
   LC Filters(BPF)
11/16/2022
logo
Murata Manufacturing Co...
LFB182G45BG4D268 MURATA-LFB182G45BG4D268_17 Datasheet
181Kb / 2P
   LC Balanced Filters
LFL152G45TC1A219 MURATA-LFL152G45TC1A219 Datasheet
201Kb / 3P
   LC Filters(LPF)
LFL182G45TC1A108 MURATA-LFL182G45TC1A108 Datasheet
200Kb / 3P
   LC Filters(LPF)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com