Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SHU-1M2012-400 Fiches technique(PDF) 2 Page - Sumida Corporation

No de pièce SHU-1M2012-400
Description  Multilayer Chip Ferrite Beads
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SHU-1M2012-400 Fiches technique(HTML) 2 Page - Sumida Corporation

  SHU-1M2012-400 Datasheet HTML 1Page - Sumida Corporation SHU-1M2012-400 Datasheet HTML 2Page - Sumida Corporation SHU-1M2012-400 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE
Multilayer Chip Ferrite Beads
——SHU series
2/3
*All specifications are subject to change without notice.
Electrical Parameters
lZl at 100MHz(
Ω)
Part No.
Typ.
min.
DC Resistance
(Ω) max.
Rated current
(mA) max.
SHU-1M2012-400□□
40
30
0.02
5000
SHU-1M2012-600□□
60
45
0.02
4800
SHU-1M2012-800□□
80
60
0.02
4500
SHU-1M2012-121□□
120
90
0.03
4200
SHU-1T2012-330□□
33
24
0.015
4000
SHU-1T2012-500□□
50
37
0.015
5000
SHU-1T2012-101□□
100
75
0.020
4000
SHU-1M3216-500□□
50
37
0.01
4800
SHU-1M3216-121□□
120
90
0.02
4600
SHU-1M4516-600□□
60
45
0.015
5400
SHU-1B4532-681□□
680
510
0.03
3800
SHU-1M4532-121□□
120
90
0.02
4600
SHU-1M5750-401□□
400
300
0.03
5500
Parts with other electrical characteristics available upon request.
Test equipment : HP4291 + HP16192A
Electrical Characteristic Curves
1M
10M
100M
1G
0
20
40
60
80
100
X
R
Z
HU-1M2012-400J
Frequency [Hz]
1M
10M
100M
1G
0
20
40
60
80
100
X
R
Z
HU-1M2012-600J
Frequency [Hz]
1M
10M
100M
1G
0
50
100
150
200
X
R
Z
HU-1M2012-800J
Frequency [Hz]
1M
10M
100M
1G
0
50
100
150
200
X
R
Z
HU-1M2012-121J
Frequency [Hz]
1M
10M
100M
1G
0
20
40
60
80
100
X
R
Z
HU-1T2012-500J
Frequency [Hz]
S
SHU-1M3216-500J
S
S
S
S
Frequency [Hz]
1M
10M
100M
1G
100
80
60
40
20
0
Z
R
X


Numéro de pièce similaire - SHU-1M2012-400

FabricantNo de pièceFiches techniqueDescription
logo
Ohmite Mfg. Co.
SHUNT-S OHMITE-SHUNT-S Datasheet
502Kb / 2P
   60mv and 75mv versions
SHUNT-SH OHMITE-SHUNT-SH Datasheet
343Kb / 2P
   Precision metal clad resistors designed
More results

Description similaire - SHU-1M2012-400

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
SHB-1M2012-150 SUMIDA-SHB-1M2012-150 Datasheet
527Kb / 5P
   Multilayer Chip Ferrite Beads
SHB-1T0603-800 SUMIDA-SHB-1T0603-800 Datasheet
394Kb / 2P
   Multilayer Chip Ferrite Beads
SHB-5750 SUMIDA-SHB-5750 Datasheet
271Kb / 1P
   Multilayer Chip Ferrite Beads
SHH-1M3216-500 SUMIDA-SHH-1M3216-500 Datasheet
459Kb / 4P
   Multilayer Chip Ferrite Beads
SHB-1M1005-100 SUMIDA-SHB-1M1005-100 Datasheet
491Kb / 4P
   Multilayer Chip Ferrite Beads
SHB-1L1608 SUMIDA-SHB-1L1608 Datasheet
464Kb / 3P
   Multilayer Chip Ferrite Beads
SHH-1M2012-150 SUMIDA-SHH-1M2012-150 Datasheet
453Kb / 4P
   Multilayer Chip Ferrite Beads
SHH-1M1608-300 SUMIDA-SHH-1M1608-300 Datasheet
439Kb / 4P
   Multilayer Chip Ferrite Beads
SHH-1M4516-600 SUMIDA-SHH-1M4516-600 Datasheet
366Kb / 3P
   Multilayer Chip Ferrite Beads
SHH-1M1005-100 SUMIDA-SHH-1M1005-100 Datasheet
334Kb / 2P
   Multilayer Chip Ferrite Beads
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com