Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM-10F Datasheet(Fiches technique) 1 Page - Sumida Corporation

Numéro de pièce SM-10F
Description  IFT COILS
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SM-10F Datasheet(HTML) 1 Page - Sumida Corporation

  SM-10F Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Type: SM-10F
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
IFT COILS < Pin Type: SM Series>
Product Description
・11.0×11.0mm Max.(L×W), 16.0mm Max. Height.
・Operating frequency: 30MHz Max.
・In addition to the reference versions of parameters shown here,
custom designs are available to meet your exact requirements.
Feature
・High inductance fixed shielded type.
・Can be used as DC-DC converter transformer.
・RoHS Compliance
Dimensions (mm)
* Dimension does not include solder used on coil.
* Pin pitch should be measured at the root of terminal.
Connection (Bottom View)
Specification (Part No.: 4309-T001)
“S” is winding start.
Item
(4-6)
Measuring
Condition
Inductance
850µH±6%
Variable
1kHz
Unloaded Qu
60 Min.
100kHz
16.0 MA X.
3.5
+1.0
-0.5
4.0±0.5
11.0 MAX.
7.0±0.2
S
③④
S
S


Html Pages

1 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
CP-4LBIFT Coils 1 2 Sumida Corporation
SM-118IFT COILS 1 Sumida Corporation
MG56IFT COILS < Pin Type: MG Series> 1 Sumida Corporation
CP-4L2IFT Coils < SMD Type: CP Series> 1 Sumida Corporation
MC-188IFT COILS 1 2 Sumida Corporation
CPG54IFT COILS < SMD Type: CPG Series> 1 Sumida Corporation
K5-SAdjustable Type Coils 1 2 3 4 Mitsumi Electronics, Corp.
CS53RF COILS < SMD Type: CS Series> 1 2 Sumida Corporation
SM55RF Coils 1 2 Sumida Corporation
836BN-0075ZVariable Coils for Surface Mounting 1 2 TOKO, Inc

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn