Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL6609AKGNPDE Fiches technique(PDF) 10 Page - Mitel Networks Corporation

No de pièce SL6609AKGNPDE
Description  Direct Conversion FSK Data Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITEL [Mitel Networks Corporation]
Site Internet  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL6609AKGNPDE Fiches technique(HTML) 10 Page - Mitel Networks Corporation

Back Button SL6609AKGNPDE Datasheet HTML 6Page - Mitel Networks Corporation SL6609AKGNPDE Datasheet HTML 7Page - Mitel Networks Corporation SL6609AKGNPDE Datasheet HTML 8Page - Mitel Networks Corporation SL6609AKGNPDE Datasheet HTML 9Page - Mitel Networks Corporation SL6609AKGNPDE Datasheet HTML 10Page - Mitel Networks Corporation SL6609AKGNPDE Datasheet HTML 11Page - Mitel Networks Corporation SL6609AKGNPDE Datasheet HTML 12Page - Mitel Networks Corporation SL6609AKGNPDE Datasheet HTML 13Page - Mitel Networks Corporation SL6609AKGNPDE Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SL6609A
10
Fig.6 AGC Schematic
100k
Vcc1
current
source 1
pin 8
R16
Pin 9
Ctc
C8
Rdecay
R9
current
source 2
C26
R22
C22
C15
RF
input
Pin 28
L1
L2
Vcc1
D1
to RF
Amp
Vr
Vr
Vr
+
-
+
-
D1 = MA862
R9 = 220k
C8 = 100nF
L2
= 820nH
R22 = 47k
R16 = 33k
C22 = 1n
Note L1, C26 and C15 are part of
RF Amplifier (see Fig.4)
50
45
40
35
30
25
20
15
10
5
0
-120
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
IP Level dBm
VCC2=2.7
VCC1=1.3
VCC2=4 VCC1=3
VCC2=1.8
VCC1=1.0
Fig.7 Audio AGC current vs. IP power at 25
°C


Numéro de pièce similaire - SL6609AKGNPDE

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
SL6609AKG ZARLINK-SL6609AKG Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
More results

Description similaire - SL6609AKGNPDE

FabricantNo de pièceFiches techniqueDescription
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6609A ZARLINK-SL6609A Datasheet
505Kb / 20P
   DIRECT CONVERSION FSK DATA RECEIVER
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com