Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CEI-120 Fiches technique(PDF) 1 Page - Sumida Corporation

No de pièce CEI-120
Description  General Power Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CEI-120 Fiches technique(HTML) 1 Page - Sumida Corporation

  CEI-120 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Power Transformer<SMD Type: CEI Series>
Type: CEI-120
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
Product Description
13.0×11.5mm Max.(L×W), 6.0mm Max.(Height)
In addition to the typical versions of parameters shown here,
custom parameters are available to meet your exact requirements
Feature
Max. Operating frequency 500kHz,
Max. Operating Power 6.3W (500kHz),3.8W(300kHz),1.2W(100kHz).
Ideally used in Flyback type fluorescent display tube.
RoHS Compliance
Dimensions (mm)
Schematics (Bottom)
Land Pattern (mm)
“S”
indicates winding start.
Specification
Sample No.
Inductance(1-4)
(1kHz/1.0V)
D.C.R.
(1-4)
Hi-pot(1,4,3,5-6,8,7,9,10)
(0.5mA)
6340–T220
27μH±20% within
250mΩ Max.
DC1000Vrms/1min.
11.0±0.5
6.0 Max.
12.2±0.5
14.0±0.5
13.1
2.0
5
1
3
4
2
6
10
8
7
9
S
S
S
S
N1
N2
N3
N4
N5
S


Html Pages

1 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
CMD-6LNL General Power Transformer 1  2  Sumida Corporation
CEEH135 General Power Transformer Type: CEEH Series> 1  Sumida Corporation
EI-16 General Power Transformer Type: EI Series> 1  Sumida Corporation
EE1617 General Power Transformer 1  Sumida Corporation
RJK6014DPP Silicon N Channel MOS FET High Speed Power Switching 1  2  3  4  Renesas Technology Corp
EE2225 General Power Transformer 1  Sumida Corporation
EEH2023 General Power Transformer 1  Sumida Corporation
LC104 General Power Transformer Type: LC Series> 1  Sumida Corporation
CBM74 General Power Transformer 1  Sumida Corporation
RM30CZ MEDIUM POWER GENERAL USE INSULATED TYPE 1  2  3  Mitsubishi Electric Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn