Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BTB04-700S Datasheet(Fiches technique) 5 Page - STMicroelectronics

Numéro de pièce BTB04-700S
Description  SENSITIVE GATE TRIACS
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB04-700S Datasheet(HTML) 5 Page - STMicroelectronics

  BTB04-700S Datenblatt HTML 1Page - STMicroelectronics BTB04-700S Datenblatt HTML 2Page - STMicroelectronics BTB04-700S Datenblatt HTML 3Page - STMicroelectronics BTB04-700S Datenblatt HTML 4Page - STMicroelectronics BTB04-700S Datasheet HTML 5Page - STMicroelectronics BTB04-700S Datenblatt HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BTA04 T/D/S/A
BTB04 T/D/S/A
5/6
Fig. 9: On-state characteristics (maximum values).
Fig. 7: Non repetitive surge peak on-state current
versus number of cycles.
Fig. 8: Non repetitive surge peak on-state current
for a sinusoidal pulse with width: t
≤ 10ms, and cor-
responding value of I
2t.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BT137XTriacs sensitive gate 1 2 3 4 5 MoreNXP Semiconductors
BTA08SSENSITIVE GATE TRIACS 1 2 3 4 5 STMicroelectronics
MAC12SMSensitive Gate Triacs 1 2 3 4 5 MoreON Semiconductor
BT138BTriacs sensitive gate 1 2 3 4 5 MoreNXP Semiconductors
MAC08BT1SENSITIVE GATE TRIACS 1 2 3 4 5 MoreON Semiconductor
MAC228ASensitive Gate Triacs Silicon Bidirectional Thyristors 1 2 3 4 5 MoreON Semiconductor
BT138Triacs sensitive gate 1 2 3 4 5 MoreNXP Semiconductors
BT138XTriacs sensitive gate 1 2 3 4 5 MoreNXP Semiconductors
BT139BTriacs sensitive gate 1 2 3 4 5 MoreNXP Semiconductors
MAC4DHMSensitive Gate Triacs Silicon Bidirectional Thyristors 1 2 3 4 5 MoreON Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn