Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51221RTVT Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51221RTVT
Description  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS51221RTVT Fiches technique(HTML) 1 Page - Texas Instruments

  TPS51221RTVT Datasheet HTML 1Page - Texas Instruments TPS51221RTVT Datasheet HTML 2Page - Texas Instruments TPS51221RTVT Datasheet HTML 3Page - Texas Instruments TPS51221RTVT Datasheet HTML 4Page - Texas Instruments TPS51221RTVT Datasheet HTML 5Page - Texas Instruments TPS51221RTVT Datasheet HTML 6Page - Texas Instruments TPS51221RTVT Datasheet HTML 7Page - Texas Instruments TPS51221RTVT Datasheet HTML 8Page - Texas Instruments TPS51221RTVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
TYPICAL APPLICATION CIRCUIT
1
2
3
4
24
23
22
21
DRVH2
VIN
VREG3
EN2
DRVH1
V5SW
RF
EN1
TPS51221RTV
(QFN32)
5
6
7
8
20
19
18
17
PGOOD2
SKIPSEL2
CSP2
CSN2
PGOOD1
SKIPSEL1
CSP1
CSN1
9
32
31
30
29
28
27
26
25
10
11
12
13
14
15
16
VO1
5.0V
L1
C22
VBAT
PowerPAD
C02
C01
VREG5
5V/100mA
R23
R13
C11
R11
PGOOD1
EN
EN1
VREG3
3.3V/10mA
Q11
Q12
Q22
Q21
C13
R12
GND
R14
GND
GND
GND
L2
R24
GND
C23
C21
R21
R22
GND
PGOOD2
EN2
VO2
3.3V
C03
R01
PGND
GND
SKIPSEL1
SKIPSEL2
VBAT
VO2
C12
VBAT
VO1
VO1
VREG5
C14
PGND
PGND
PGND
PGND
PGND
PGND
PGND
C24
GND
R02
C04
IMON1
TPS51221
SLVS786 – NOVEMBER 2007
www.ti.com
Fixed Frequency, 99% Duty Cycle Peak Current Mode
Notebook System Power Controller
• Notebook Computer System and I/O Bus
2
• Input Voltage Range: 4.5 V to 28 V
• Point of load in LCD TV, MFP
• Output Voltage Range: 1 V to 12 V
• Selectable Light Load Operation (Continuous /
Auto Skip / Out-Of-Audio™ Skip)
The TPS51221 is a dual synchronous buck regulator
• Programmable Droop Compensation
controller with 2 LDOs. It is optimized for 5V/3.3V
• Voltage Servo Adjustable Soft Start
system
controller,
enabling
designers
to
cost
• 200 kHz to 1 MHz Fixed Frequency PWM
effectively
complete
2-cells
to
4-cells
notebook
system power supply. The TPS51221 supports high
• Current Mode Architecture
efficiency, fast transient response and 99% duty cycle
• 180° Phase Shift Between Channels
operation. It supports supply input voltages ranging
• Resistor or Inductor DCR Current Sensing
from 4.5V to 28V, and output voltages from 1V to
12V. Peak current mode supports stability operation
• Powergood Output for each channel
with lower ESR capacitor and output accuracy. The
• OCL/OVP/UVP/UVLO protections
high duty (99%) operation and wide input/ output
• Current Monitor Output for CH1
voltage range supports flexible design for small
• Thermal Shutdown (Non-latch)
mobile PCs and a wide variety of other applications.
The fixed frequency can be adjusted from 200 kHz to
• Output Discharge Function (Disable option)
1MHz by a resistor, and each channel runs 180
° out
• Integrated Boot Strap MOSFET Switch
of phase. The TPS51221 can also synchronize to the
• QFN32 (RTV)
external clock, and the interleaving ratio can be
adjusted by its duty. The TPS51221 is available in the
32 pin 5
×5 QFN package and is specified from –40°C
to 85
°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Out-Of-Audio, D-CAP, PowerPAD are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS51221RTVT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51221 TI-TPS51221_15 Datasheet
865Kb / 40P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results

Description similaire - TPS51221RTVT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51220A TI-TPS51220A Datasheet
838Kb / 45P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI-TPS51220A-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220_15 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51221 TI-TPS51221_15 Datasheet
865Kb / 40P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI-TPS51220 Datasheet
1Mb / 37P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A-Q1 TI1-TPS51220A-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI-TPS51220A_15 Datasheet
1Mb / 53P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220 TI1-TPS51220_16 Datasheet
1Mb / 43P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51220A TI1-TPS51220A_16 Datasheet
1Mb / 51P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
TPS51222 TI1-TPS51222 Datasheet
1Mb / 42P
[Old version datasheet]   Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com