Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA20-600CW Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce BTA20-600CW
Description  SNUBBERLESS TRIACS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA20-600CW Fiches technique(HTML) 6 Page - STMicroelectronics

  BTA20-600CW Datasheet HTML 1Page - STMicroelectronics BTA20-600CW Datasheet HTML 2Page - STMicroelectronics BTA20-600CW Datasheet HTML 3Page - STMicroelectronics BTA20-600CW Datasheet HTML 4Page - STMicroelectronics BTA20-600CW Datasheet HTML 5Page - STMicroelectronics BTA20-600CW Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BTA20 BW/CW
BTB20 BW/CW
6/6
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written ap-
proval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2001 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
BTA/BTB20-xxxyz
BTA/BTB20-xxxyz
TO-220AB
2.3 g
250
Bulk
s
Epoxy meets UL94,V0
s
Cooling method: C
s
Recommended torque value: 0.8 m.N.
s
Maximum torque value: 1 m.N.
OTHER INFORMATION
PACKAGE MECHANICAL DATA
TO-220AB (Plastic)
M
B
l4
C
b2
a2
l2
c2
l3
b1
a1
A
F
L
I
e
c1
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ. Max. Min.
Typ. Max.
A
15.20
15.90 0.598
0.625
a1
3.75
0.147
a2
13.00
14.00 0.511
0.551
B
10.00
10.40 0.393
0.409
b1
0.61
0.88 0.024
0.034
b2
1.23
1.32 0.048
0.051
C
4.40
4.60 0.173
0.181
c1
0.49
0.70 0.019
0.027
c2
2.40
2.72 0.094
0.107
e
2.40
2.70 0.094
0.106
F
6.20
6.60 0.244
0.259
I
3.75
3.85 0.147
0.151
I4
15.80 16.40 16.80 0.622 0.646 0.661
L
2.65
2.95 0.104
0.116
l2
1.14
1.70 0.044
0.066
l3
1.14
1.70 0.044
0.066
M
2.60
0.102


Numéro de pièce similaire - BTA20-600CW

FabricantNo de pièceFiches techniqueDescription
logo
Kersemi Electronic Co.,...
BTA20-600CW KERSEMI-BTA20-600CW Datasheet
1Mb / 4P
   RMS on-state current (full sine wave)
logo
Inchange Semiconductor ...
BTA20-600CW ISC-BTA20-600CW Datasheet
106Kb / 1P
   With TO-220AB insulated package
logo
HAOPIN MICROELECTRONICS...
BTA20-600CW HAOPIN-BTA20-600CW Datasheet
317Kb / 5P
   Three quadrant triacs
logo
STMicroelectronics
BTA20-600CWRG STMICROELECTRONICS-BTA20-600CWRG Datasheet
83Kb / 6P
   20A TRIACS
More results

Description similaire - BTA20-600CW

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BTA08BW STMICROELECTRONICS-BTA08BW Datasheet
185Kb / 4P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTA20-700BW KERSEMI-BTA20-700BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
STMicroelectronics
BTA08AW STMICROELECTRONICS-BTA08AW Datasheet
184Kb / 4P
   SNUBBERLESS TRIACS
BTA12AW STMICROELECTRONICS-BTA12AW Datasheet
196Kb / 4P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTA20-800BW KERSEMI-BTA20-800BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
STMicroelectronics
T2035-600M STMICROELECTRONICS-T2035-600M Datasheet
637Kb / 9P
   SNUBBERLESS TRIACS
T4016MKS STMICROELECTRONICS-T4016MKS Datasheet
314Kb / 5P
   SNUBBERLESS TRIACS
logo
Kersemi Electronic Co.,...
BTB20-600BW KERSEMI-BTB20-600BW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
BTA20-700CW KERSEMI-BTA20-700CW Datasheet
1Mb / 5P
   SNUBBERLESS TRIACS
logo
STMicroelectronics
T2514XKS STMICROELECTRONICS-T2514XKS Datasheet
322Kb / 5P
   SNUBBERLESS TRIACS
April 1995
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com