Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD104NP-271K Fiches technique(PDF) 1 Page - Sumida Corporation

No de pièce CD104NP-271K
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD104NP-271K Fiches technique(HTML) 1 Page - Sumida Corporation

  CD104NP-271K Datasheet HTML 1Page - Sumida Corporation CD104NP-271K Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: CD104
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
POWER INDUCTORS <SMD Type: CD Series>
Product Description
10.3×9.3mm Max.(L×W),4.5mm Max. Height.
Inductance range: 10~560μH
Rated current range:0.32~2.38A
In addition to the standard versions of inductors shown here, custom inductors
are available to meet your exact requirements.
Feature
Magnetically unshielded construction.
Ideally used in PDA,MP3,DSC/DVC,HDD,Portable DVD,etc as DC-DC Converter inductors.
RoHS Compliance
Dimensions (mm)
Land Pattern (mm)
9.0±0.3
4.0±0.5
9.0
9.5
R1.0
PART OF ELECTRODE
PARTOFSILK


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
RJK6014DPP Silicon N Channel MOS FET High Speed Power Switching 1  2  3  4  Renesas Technology Corp
C8-H Power Inductors 1  2  3  4  5  More Mitsumi Electronics, Corp.
AICT-LP POWER INDUCTORS 1  Abracon Corporation
ASPI-5612-XXX SMT POWER INDUCTORS 1  Abracon Corporation
LO3316 Surface Mount Power Inductors 1  ice Components, Ins.
LS74 Surface Mount Power Inductors 1  ice Components, Ins.
CDRH104R POWER INDUCTORS SMD Type 1  2  3  Sumida Corporation
CDEP134_06 POWER INDUCTORS 1  2  3  Sumida Corporation
C3-K Power Inductors 1  2  3  4  5  More Mitsumi Electronics, Corp.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn