Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD104NP-151K Datasheet(Fiches technique) 1 Page - Sumida Corporation

Numéro de pièce CD104NP-151K
Description  POWER INDUCTORS
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD104NP-151K Datasheet(HTML) 1 Page - Sumida Corporation

  CD104NP-151K Datasheet HTML 1Page - Sumida Corporation CD104NP-151K Datenblatt HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: CD104
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
POWER INDUCTORS <SMD Type: CD Series>
Product Description
10.3×9.3mm Max.(L×W),4.5mm Max. Height.
Inductance range: 10~560μH
Rated current range:0.32~2.38A
In addition to the standard versions of inductors shown here, custom inductors
are available to meet your exact requirements.
Feature
Magnetically unshielded construction.
Ideally used in PDA,MP3,DSC/DVC,HDD,Portable DVD,etc as DC-DC Converter inductors.
RoHS Compliance
Dimensions (mm)
Land Pattern (mm)
9.0±0.3
4.0±0.5
9.0
9.5
R1.0
PART OF ELECTRODE
PARTOFSILK


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
C8-HPower Inductors 1 2 3 4 5 MoreMitsumi Electronics, Corp.
AICT-LPPOWER INDUCTORS 1 Abracon Corporation
ASPI-5612-XXXSMT POWER INDUCTORS 1 Abracon Corporation
LO3316Surface Mount Power Inductors 1 ice Components, Ins.
LS74Surface Mount Power Inductors 1 ice Components, Ins.
CDRH104RPOWER INDUCTORS SMD Type 1 2 3 Sumida Corporation
CDEP134_06POWER INDUCTORS 1 2 3 Sumida Corporation
C3-KPower Inductors 1 2 3 4 5 MoreMitsumi Electronics, Corp.

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn