Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STGDL6NC60D Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STGDL6NC60D
Description  N-channel 600V - 6A - DPAK / D2PAK / TO-220 / TO-220FP Hyper fast IGBT
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGDL6NC60D Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STGDL6NC60D Datasheet HTML 2Page - STMicroelectronics STGDL6NC60D Datasheet HTML 3Page - STMicroelectronics STGDL6NC60D Datasheet HTML 4Page - STMicroelectronics STGDL6NC60D Datasheet HTML 5Page - STMicroelectronics STGDL6NC60D Datasheet HTML 6Page - STMicroelectronics STGDL6NC60D Datasheet HTML 7Page - STMicroelectronics STGDL6NC60D Datasheet HTML 8Page - STMicroelectronics STGDL6NC60D Datasheet HTML 9Page - STMicroelectronics STGDL6NC60D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical characteristics
STGBL6NC60D - STGDL6NC60D - STGPL6NC60D - STGFL6NC60D
6/19
Table 8.
Turn-off with snubber
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tf
Eoff
(1)
1.
Turn-off losses include also the tail of the collector current
Current fall time
Turn-off switching losses
VCC = 200V, IC = 1.5A
RG =22Ω, Vclamp=400V,
L=1mH, C-snubber=2.7nF
Tj =25°C (see Figure 18)
16
5.5
ns
µJ
tf
Eoff
(1)
Current fall time
Turn-off switching losses
VCC = 200V, IC = 1.5A
RG =22Ω, Vclamp=400V,
L=1mH, C-snubber=2.7nF,
Tj = 125°C (see Figure 18)
19
6
ns
µJ
Table 9.
Collector-emitter diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vf
Forward on-voltage
If = 1A
If=3A
If=3A,Tj=125°C
1.7
1.5
1.7
V
V
V
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
If = 3A,VR = 40V,
Tj = 25°C, di/dt = 100 A/
µs
(see Figure 19)
30
33.5
2.2
ns
nC
A
trr
Qrr
Irrm
Reverse recovery time
Reverse recovery charge
Reverse recovery current
If = 3A,VR = 40V,
Tj =125°C, di/dt = 100A/
µs
(see Figure 19)
65
94
2.9
ns
nC
A


Numéro de pièce similaire - STGDL6NC60D

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGDL6NC60D STMICROELECTRONICS-STGDL6NC60D Datasheet
523Kb / 19P
   600 V - 6 A hyper fast IGBT
STGDL6NC60DI STMICROELECTRONICS-STGDL6NC60DI Datasheet
645Kb / 18P
   6 A, 600 V hyper fast IGBT
STGDL6NC60DIT4 STMICROELECTRONICS-STGDL6NC60DIT4 Datasheet
645Kb / 18P
   6 A, 600 V hyper fast IGBT
More results

Description similaire - STGDL6NC60D

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STGP3NB60F STMICROELECTRONICS-STGP3NB60F Datasheet
732Kb / 14P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/DPAK/D2PAK PowerMESH??IGBT
STGB10NC60HD_0710 STMICROELECTRONICS-STGB10NC60HD_0710 Datasheet
410Kb / 17P
   N-channel 600V - 10A - TO-220 - D2PAK - TO-220FP very fast PowerMESH IGBT
STGP7NC60HD STMICROELECTRONICS-STGP7NC60HD Datasheet
430Kb / 15P
   N-CHANNEL 14A - 600V - TO-220/TO-220FP/DPAK Very Fast PowerMESH IGBT
June 2005 Rev.9
STGB3NB60KD STMICROELECTRONICS-STGB3NB60KD Datasheet
326Kb / 12P
   N-CHANNEL 6A - 600V - TO-220/TO-220FP/D2PAK SHORT CIRCUIT PROOF PowerMESH TM IGBT
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD Datasheet
406Kb / 17P
   N-channel 600V - 7A - D2PAK / TO-220 / TO-220FP Very fast PowerMESH TM IGBT
STGB6NC60HD STMICROELECTRONICS-STGB6NC60HD_07 Datasheet
424Kb / 18P
   N-channel 600V - 7A - I2PAK / D2PAK / TO-220 / TO-220FP Very fast PowerMESH??IGBT
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
   N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGB3NB60HD STMICROELECTRONICS-STGB3NB60HD_03 Datasheet
586Kb / 12P
   N-CHANNEL 3A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
STGP7NB60K STMICROELECTRONICS-STGP7NB60K Datasheet
710Kb / 14P
   N-CHANNEL 7A - 600V - TO-220/FP/DPAK/D2PAK PowerMESH??IGBT
STGP3NB60K STMICROELECTRONICS-STGP3NB60K Datasheet
293Kb / 11P
   N-CHANNEL 3A - 600V - TO-220/DPAK/D2PAK PowerMES TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com