Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDC5D23BNP-390K Fiches technique(PDF) 2 Page - Sumida Corporation

No de pièce CDC5D23BNP-390K
Description  POWER INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDC5D23BNP-390K Fiches technique(HTML) 2 Page - Sumida Corporation

  CDC5D23BNP-390K Datasheet HTML 1Page - Sumida Corporation CDC5D23BNP-390K Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CDC5D23B
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
POWER INDUCTORS <SMD Type: CDC Series>
◆ Specification
Part Name
Stamp
Inductance
(μH)
[Within]
100kHz
D.C.R.
(mΩ) Max.(Typ.)
(at20℃)
Rated
current
(A)※1
CDC5D23BNP -2R2M□
2R2
2.2μH±20%
39 (30)
2.16
CDC5D23BNP -2R7M□
2R7
2.7μH±20%
44 (34)
2.08
CDC5D23BNP -3R3M□
3R3
3.3μH±20%
49 (38)
1.90
CDC5D23BNP -3R9M□
3R9
3.9μH±20%
56 (43)
1.84
CDC5D23BNP -4R7M□
4R7
4.7μH±20%
62 (48)
1.60
CDC5D23BNP -5R6M□
5R6
5.6μH±20%
78 (60)
1.44
CDC5D23BNP -6R8M□
6R8
6.8μH±20%
91 (70)
1.36
CDC5D23BNP -8R2M□
8R2
8.2μH±20%
103(87)
1.12
CDC5D23BNP -100L□
100
10μH±15%
133(102)
1.04
CDC5D23BNP -120L□
120
12μH±15%
148(114)
0.96
CDC5D23BNP -150K□
150
15μH±10%
166(128)
0.88
CDC5D23BNP -180K□
180
18μH±10%
213(164)
0.77
CDC5D23BNP -220K□
220
22μH±10%
248(191)
0.73
CDC5D23BNP -270K□
270
27μH±10%
328(252)
0.64
CDC5D23BNP -330K□
330
33μH±10%
378(291)
0.58
CDC5D23BNP -390K□
390
39μH±10%
438(337)
0.54
CDC5D23BNP -470K□
470
47μH±10%
546(420)
0.49
CDC5D23BNP -560K□
560
56μH±10%
621(478)
0.45
CDC5D23BNP -680K□
680
68μH±10%
715(550)
0.41
CDC5D23BNP -820K□
820
82μH±10%
1000(772)
0.35
CDC5D23BNP -101K□
101
100μH±10%
1070(820)
0.33
CDC5D23BNP -121K□
121
120μH±10%
1250(960)
0.32
CDC5D23BNP -151K□
151
150μH±10%
1660(1280)
0.26
CDC5D23BNP -181K□
181
180μH±10%
1900(1460)
0.23
CDC5D23BNP -221K□
221
220μH±10%
2440(1880)
0.21
CDC5D23BNP -271K□
271
270μH±10%
2730(2100)
0.19
※ Description of part name
CDC5D23BNP -2R2M□
※1 Rated current: The DC current at which the inductance decreases to 90 % of it’s initial
value or when △t=40℃, whichever is lower(Ta =20℃).
C Carrier Tape
B Box


Numéro de pièce similaire - CDC5D23BNP-390K

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDC5D23BNP-390KC SUMIDA-CDC5D23BNP-390KC Datasheet
263Kb / 5P
   SMD Power Inductor
More results

Description similaire - CDC5D23BNP-390K

FabricantNo de pièceFiches techniqueDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com