Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CDEP134 Fiches technique(PDF) 1 Page - Sumida Corporation

No de pièce CDEP134
Description  POWER INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP134 Fiches technique(HTML) 1 Page - Sumida Corporation

  CDEP134_06 Datasheet HTML 1Page - Sumida Corporation CDEP134_06 Datasheet HTML 2Page - Sumida Corporation CDEP134_06 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Type: CDEP134, CDEP134C
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
POWER INDUCTORS <SMD Type: CDEP Series>
Product Description
13.9×13.9mm Max.(L×W),4.9mm Max. Height.
Both standard type and High power type of CDEP134 and CDEP134C respectively are available.
Inductance range: 0.3~8.0μH for 2 types
Saturation Current range: 7.2~32.0A(Standard type ) ;9.6~35.0A (High Power type).
Temperature rise current range: 6.5~18.5A
In addition to the standards versions shown here, custom inductors are also available to meet your exact
requirements.
Feature
Super high current inductors, Low DCR.
Mn-Zn core used, Flat wire used.
Ideally used in Notebook PC CPU power supply.
RoHS Compliance
Dimensions (mm)
CDEP134
CDEP134C
13.5 ±0.4
MA X. 4. 9
9.6 ±0.3
13.5 ±0 .4
MAX.4.9
9.7 ±0. 3


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
RJK6014DPP Silicon N Channel MOS FET High Speed Power Switching 1  2  3  4  Renesas Technology Corp
C8-H Power Inductors 1  2  3  4  5  More Mitsumi Electronics, Corp.
AICT-LP POWER INDUCTORS 1  Abracon Corporation
ASPI-5612-XXX SMT POWER INDUCTORS 1  Abracon Corporation
LO3316 Surface Mount Power Inductors 1  ice Components, Ins.
LS74 Surface Mount Power Inductors 1  ice Components, Ins.
CDRH104R POWER INDUCTORS SMD Type 1  2  3  Sumida Corporation
C3-K Power Inductors 1  2  3  4  5  More Mitsumi Electronics, Corp.
ASPI-5619-XXX SMT POWER INDUCTORS 1  Abracon Corporation

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn