Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDEP6D48MENP-2R0M Fiches technique(PDF) 2 Page - Sumida Corporation

No de pièce CDEP6D48MENP-2R0M
Description  Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP6D48MENP-2R0M Fiches technique(HTML) 2 Page - Sumida Corporation

  CDEP6D48MENP-2R0M Datasheet HTML 1Page - Sumida Corporation CDEP6D48MENP-2R0M Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Power Inductors <SMD Type: CDEP**ME Series>
Type: CDEP6D48ME
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
◆ Specification
※ Description of part name
CDEP6D48MENP -1R0M
※1. Saturation current: The DC current at which the inductance decreases to 80% of it’s initial value. (Ta =20℃)
※2 Temperature rise current:The DC current at which the temperature rise is △t=40℃.(Ta=20℃)
Part Name
Stamp
Inductance
[Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
Saturation
Current
(A)※1
Temperature
Rise current
(A) ※2
CDEP6D48MENP-R18M
R18
0.18µH±20%
2.2 (1.7)
37.2 (46.5)
16.0 (18.5)
CDEP6D48MENP-R33M
R33
0.33µH±20%
3.0 (2.4)
25.2 (31.5)
14.5 (16.5)
CDEP6D48MENP-R47M
R47
0.47µH±20%
3.8 (3.0)
24.0 (30.0)
13.2 (15.2)
CDEP6D48MENP-R68M
R68
0.68µH±20%
4.3 (3.4)
21.7 (27.2)
12.5 (14.2)
CDEP6D48MENP-1R0M
1R0
1.0µH±20%
5.9 (4.7)
16.6 (22.0)
11.0 (12.5)
CDEP6D48MENP-1R2M
1R2
1.2µH±20%
8.3 (6.6)
16.1 (20.2)
9.2 (10.4)
CDEP6D48MENP-1R5M
1R5
1.5µH±20%
10.9 (8.7)
14.0 (17.5)
8.0 (9.2)
CDEP6D48MENP-2R0M
2R0
2.0µH±20%
12.0 (9.6)
12.0 (15.0)
7.8 (8.8)
CDEP6D48MENP-2R2M
2R2
2.2µH±20%
15.6 (12.5)
11.4 (14.2)
7.0 (7.9)
CDEP6D48MENP-2R7M
2R7
2.7µH±20%
17.9 (14.3)
10.4 (13.0)
6.4 (7.4)
CDEP6D48MENP-3R3M
3R3
3.3µH±20%
21.0 (16.8)
9.8 (12.3)
5.2 (5.8)
B
Box
C
Carrier Tape


Numéro de pièce similaire - CDEP6D48MENP-2R0M

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDEP6D31ME SUMIDA-CDEP6D31ME Datasheet
176Kb / 4P
   SMD Power Inductor
CDEP6D31MENP-1R0MC SUMIDA-CDEP6D31MENP-1R0MC Datasheet
176Kb / 4P
   SMD Power Inductor
CDEP6D31MENP-1R5MC SUMIDA-CDEP6D31MENP-1R5MC Datasheet
176Kb / 4P
   SMD Power Inductor
CDEP6D31MENP-2R2MC SUMIDA-CDEP6D31MENP-2R2MC Datasheet
176Kb / 4P
   SMD Power Inductor
CDEP6D31MENP-2R4MC SUMIDA-CDEP6D31MENP-2R4MC Datasheet
176Kb / 4P
   SMD Power Inductor
More results

Description similaire - CDEP6D48MENP-2R0M

FabricantNo de pièceFiches techniqueDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com