Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT374SJ Fiches technique(PDF) 8 Page - Fairchild Semiconductor

No de pièce 74ACT374SJ
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT374SJ Fiches technique(HTML) 8 Page - Fairchild Semiconductor

Back Button 74ACT374SJ Datasheet HTML 4Page - Fairchild Semiconductor 74ACT374SJ Datasheet HTML 5Page - Fairchild Semiconductor 74ACT374SJ Datasheet HTML 6Page - Fairchild Semiconductor 74ACT374SJ Datasheet HTML 7Page - Fairchild Semiconductor 74ACT374SJ Datasheet HTML 8Page - Fairchild Semiconductor 74ACT374SJ Datasheet HTML 9Page - Fairchild Semiconductor 74ACT374SJ Datasheet HTML 10Page - Fairchild Semiconductor 74ACT374SJ Datasheet HTML 11Page - Fairchild Semiconductor 74ACT374SJ Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC374, 74ACT374 Rev. 1.5.0
8
AC Electrical Characteristics for ACT
Note:
8. Voltage range 5.0 is 5.0V
± 0.5V.
AC Operating Requirements for ACT
Note:
9. Voltage range 5.0 is 5.0V
± 0.5V.
Capacitance
Symbol
Parameter
VCC (V)
(8)
TA = +25°C,
CL = 50pF
TA = −40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
fMAX
Maximum Clock
Frequency
5.0
100
160
90
MHz
tPLH
Propagation Delay,
CP to On
5.0
2.0
8.5
10.0
2.0
11.5
ns
tPHL
Propagation Delay,
CP to On
5.0
2.0
8.0
9.5
1.5
11.0
ns
tPZH
Output Enable Time
5.0
2.0
8.0
9.5
1.5
10.5
ns
tPZL
Output Enable Time
5.0
1.5
8.0
9.0
1.5
10.5
ns
tPHZ
Output Disable Time
5.0
1.5
8.5
11.5
1.0
12.5
ns
tPLZ
Output Disable Time
5.0
1.5
7.0
8.5
1.0
10.0
ns
Symbol
Parameter
VCC (V)
(9)
TA = +25°C,
CL = 50pF
TA = −40°C to +85°C,
CL = 50pF
Units
Typ.
Guaranteed Minimum
tS
Setup Time, HIGH or LOW,
Dn to CP
5.0
1.0
5.5
5.5
ns
tH
Hold Time, HIGH or LOW,
Dn to CP
5.0
0
1.5
1.5
ns
tW
CP Pulse Width,
HIGH or LOW
5.0
2.5
5.0
5.0
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF


Numéro de pièce similaire - 74ACT374SJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ACT374SJ FAIRCHILD-74ACT374SJ Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Description similaire - 74ACT374SJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com