Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM31278 Fiches technique(PDF) 1 Page - Ramtron International Corporation

No de pièce FM31278
Description  5V Integrated Processor Companion with Memory
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM31278 Fiches technique(HTML) 1 Page - Ramtron International Corporation

  FM31278 Datasheet HTML 1Page - Ramtron International Corporation FM31278 Datasheet HTML 2Page - Ramtron International Corporation FM31278 Datasheet HTML 3Page - Ramtron International Corporation FM31278 Datasheet HTML 4Page - Ramtron International Corporation FM31278 Datasheet HTML 5Page - Ramtron International Corporation FM31278 Datasheet HTML 6Page - Ramtron International Corporation FM31278 Datasheet HTML 7Page - Ramtron International Corporation FM31278 Datasheet HTML 8Page - Ramtron International Corporation FM31278 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Pre-Production
This is a product in pre-production phase of development. Device
Ramtron International Corporation
characterization is complete and Ramtron does not expect to change
1850 Ramtron Drive, Colorado Springs, CO 80921
the specifications. Ramtron will issue a Product Change Notice if
(800) 545-FRAM, (719) 481-7000
any specification changes are made.
www.ramtron.com
Rev. 2.0
Dec. 2007
Page 1 of 25
FM31278/276/274/272
5V Integrated Processor Companion with Memory
Features
High Integration Device Replaces Multiple Parts
Serial Nonvolatile Memory
Real-time Clock (RTC)
Low Voltage Reset
Watchdog Timer
Early Power-Fail Warning/NMI
Two 16-bit Event Counters
Serial Number with Write-lock for Security
Ferroelectric Nonvolatile RAM
4Kb, 16Kb, 64Kb, and 256Kb versions
Unlimited Read/Write Endurance
10 year Data Retention
NoDelay™ Writes
Real-time Clock/Calendar
Backup Current under 1
µA
Seconds through Centuries in BCD format
Tracks Leap Years through 2099
Uses Standard 32.768 kHz Crystal (12.5pF)
Software Calibration
Supports Battery or Capacitor Backup
Processor Companion
Active-low Reset Output for VDD and Watchdog
Programmable VDD Reset Trip Point
Manual Reset Filtered and Debounced
Programmable Watchdog Timer
Dual Battery-backed Event Counter Tracks
System Intrusions or other Events
Comparator for Early Power-Fail Interrupt
64-bit Programmable Serial Number with Lock
Fast Two-wire Serial Interface
Up to 1 MHz Maximum Bus Frequency
Supports Legacy Timing for 100 kHz & 400 kHz
Device Select Pins for up to 4 Memory Devices
RTC, Supervisor Controlled via 2-wire Interface
Easy to Use Configurations
Operates from 4.0 to 5.5V
14-pin “Green”/RoHS SOIC package (-G)
Low Operating Current
-40
°C to +85°C Operation
Description
The FM3127x is a family of integrated devices that
includes the most commonly needed functions for
processor-based systems. Major features include
nonvolatile memory available in various sizes, real-
time clock, low-VDD reset, watchdog timer,
nonvolatile event counter, lockable 64-bit serial
number area, and general purpose comparator that
can be used for an early power-fail (NMI) interrupt or
other purpose. The family operates from 4.0 to 5.5V.
Each FM3127x provides nonvolatile RAM available
in sizes including 4Kb, 16Kb, 64Kb, and 256Kb
versions. Fast write speed and unlimited endurance
allow the memory to serve as extra RAM or
conventional nonvolatile storage. This memory is
truly nonvolatile rather than battery backed.
The real-time clock (RTC) provides time and date
information in BCD format. It can be permanently
powered from external backup voltage source, either
a battery or a capacitor. The timekeeper uses a
common external 32.768 kHz crystal and provides a
calibration mode that allows software adjustment of
timekeeping accuracy.
The processor companion includes commonly needed
CPU support functions. Supervisory functions
include a reset output signal controlled by either a
low VDD condition or a watchdog timeout. /RST
goes active when VDD drops below a programmable
threshold and remains active for 100 ms after VDD
rises above the trip point. A programmable watchdog
timer runs from 100 ms to 3 seconds. The watchdog
timer is optional, but if enabled it will assert the reset
signal for 100 ms if not restarted by the host before
the timeout. A flag-bit indicates the source of the
reset.
A general-purpose comparator compares an external
input pin to the onboard 1.2V reference. This is
useful for generating a power-fail interrupt (NMI) but
can be used for any purpose. The family also includes
a programmable 64-bit serial number that can be
locked making it unalterable. Additionally it offers a
dual battery-backed event counter that tracks the
number of rising or falling edges detected on
dedicated input pins.


Numéro de pièce similaire - FM31278

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM31278 RAMTRON-FM31278 Datasheet
461Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
FM31278-G CYPRESS-FM31278-G Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
FM31278-GTR CYPRESS-FM31278-GTR Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31278 RAMTRON-FM31278_11 Datasheet
461Kb / 26P
   5V Integrated Processor Companion with Memory
More results

Description similaire - FM31278

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Ramtron International C...
FM32278 RAMTRON-FM32278 Datasheet
274Kb / 21P
   5V Integrated Processor Companion with Memory
FM31278 RAMTRON-FM31278_11 Datasheet
461Kb / 26P
   5V Integrated Processor Companion with Memory
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com