Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N6277A Fiches technique(PDF) 6 Page - DAESAN ELECTRONIC CORP.

No de pièce 1N6277A
Description  POWER 1500Watts VOLTAGE 6.8 to 440 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DAESAN [DAESAN ELECTRONIC CORP.]
Site Internet  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

1N6277A Fiches technique(HTML) 6 Page - DAESAN ELECTRONIC CORP.

  1N6277A Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. 1N6277A Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. 1N6277A Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. 1N6277A Datasheet HTML 4Page - DAESAN ELECTRONIC CORP. 1N6277A Datasheet HTML 5Page - DAESAN ELECTRONIC CORP. 1N6277A Datasheet HTML 6Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RATINGS AND CHARACTERISTIC CURVES 1.5KE SERIES AND 1N6267 THRU 1N6303(C)A
0
0.4
0.8
1.2
1.6
2.0
0.1
1
10
100
Fig. 11Ð Ins tantaneous Forwar d Voltage
C haracteris tics C ur ve
Fig. 13ÐTypical R e vers e L eakage
C haracteris tics
Instantaneous F orward Voltage (V )
P ulse width = 300μ
S
1% Duty C ycle
T J = 25OC
10
100
1
0.1
0.001
tp ,
P ulse Duration (sec)
0.01
0.1
1
10
100
1000
F ig. 12Ð Typical Trans ient
T hermal Impedance
0
600
100
200
300
400
500
0.01
0.1
1.0
100
10
1000
B reakdown V oltage (V )


Numéro de pièce similaire - 1N6277A

FabricantNo de pièceFiches techniqueDescription
logo
Transys Electronics
1N6277A TRSYS-1N6277A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6277A VISHAY-1N6277A Datasheet
110Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
Galaxy Semi-Conductor H...
1N6277A BILIN-1N6277A Datasheet
119Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6277A VISHAY-1N6277A Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Dc Components
1N6277A DCCOM-1N6277A Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results

Description similaire - 1N6277A

FabricantNo de pièceFiches techniqueDescription
logo
DAESAN ELECTRONIC CORP.
P4KE6.8 DAESAN-P4KE6.8 Datasheet
732Kb / 5P
   POWER 400Watts VOLTAGE 6.8 to 440 Volts
P6KE6.8 DAESAN-P6KE6.8 Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Micro Commercial Compon...
P6KE68 MCC-P6KE68 Datasheet
111Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DONGGUAN YOU FENG WEI E...
P6KE6.8 YFWDIODE-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
DAESAN ELECTRONIC CORP.
SMCJ5.0 DAESAN-SMCJ5.0 Datasheet
709Kb / 4P
   POWER 1500Watts VOLTAGE 5.0 to 188 Volts
logo
Zibo Seno Electronic En...
1.5SMC ZSELEC-1.5SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Nanjing International G...
1.5KE DGNJDZ-1.5KE Datasheet
334Kb / 4P
   6.8 to 440 Volts 1500 Watts Peak Power 5.0 Watts Steady State
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com