Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM82731-003 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce AM82731-003
Description  RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM82731-003 Fiches technique(HTML) 1 Page - STMicroelectronics

  AM82731-003 Datasheet HTML 1Page - STMicroelectronics AM82731-003 Datasheet HTML 2Page - STMicroelectronics AM82731-003 Datasheet HTML 3Page - STMicroelectronics AM82731-003 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
August 1992
S-BAND RADAR APPLICATIONS
RF & MICROWAVE TRANSISTORS
.400 x . 400 2NLFL (S042)
hermetically sealed
.
REFRACTORY/GOLD METALLIZATION
.
EMITTER SITE BALLASTED
.
10:1 VSWR CAPABILITY
.
LOW THERMAL RESISTANCE
.
INPUT/OUTPUT IMPEDANCE MATCHING
.
OVERLAY GEOMETRY
.
METAL/CERAMIC HERMETIC PACKAGE
.
POUT
= 3.0 W. MIN. WITH 5.7 dB GAIN
.
BANDWIDTH
= 400 MHz
DESCRIPTION
The AM82731-003 device is a medium power silicon
bipolar NPN transistor specifically designed for S-
Band radar pulsed driver applications.
This device is capable of operation over a wide range
of pulse widths, duty cycles, and temperatures and
can withstand a 10:1 output VSWR. Low RF thermal
resistance, refractory/gold metallization, and auto-
matic wire bonding techniques ensure high reliability
and product consistency.
The AM82731-003 is supplied in the hermetic met-
al/ceramic package with internal input/output imped-
ance matching circuitry, and is intended for military
and other high reliability applications.
PIN CONNECTION
BRANDI NG
82731-3
ORDER CODE
AM 82731-003
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
PDISS
Power Dissipation*
(TC
≤ 100°C)
23
W
IC
Device Current*
0.9
A
VCC
Collector-Supply Voltage*
34
V
TJ
Junction Temperature (Pulsed RF Operation)
250
°C
TSTG
Storage Temperature
− 65 to +200
°C
AM82731-003
1. Collector
3. Emitter
2. Base
4. Base
RTH(j-c)
Junction-Case Thermal Resistance
6.5
°C/W
*Applies only to rated RF amplifier operation
THERMAL DATA
1/4


Numéro de pièce similaire - AM82731-003

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Semiconductor
AM82731-003 ASI-AM82731-003 Datasheet
65Kb / 1P
   NPN RF POWER TRANSISTOR
More results

Description similaire - AM82731-003

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
AM83135-010 STMICROELECTRONICS-AM83135-010 Datasheet
61Kb / 4P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
AM83135-015 STMICROELECTRONICS-AM83135-015 Datasheet
61Kb / 3P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
AM83135-030 STMICROELECTRONICS-AM83135-030 Datasheet
57Kb / 3P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
AM82731-050 STMICROELECTRONICS-AM82731-050 Datasheet
61Kb / 4P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
AM83135-040 STMICROELECTRONICS-AM83135-040 Datasheet
44Kb / 3P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
AM2931-110 STMICROELECTRONICS-AM2931-110 Datasheet
60Kb / 4P
   S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
AM82731-025 STMICROELECTRONICS-AM82731-025 Datasheet
60Kb / 4P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
logo
Advanced Power Technolo...
MS2604 ADPOW-MS2604 Datasheet
120Kb / 3P
   RF& MICROWAVE TRANSISTORS S BAND RADAR APPLICATIONS
logo
STMicroelectronics
AM2729-110 STMICROELECTRONICS-AM2729-110 Datasheet
61Kb / 4P
   S-BAND RADAR APPLICATIONS RF & MICROWAVE TRANSISTORS
AM83135-001 STMICROELECTRONICS-AM83135-001 Datasheet
78Kb / 5P
   RF & MICROWAVE TRANSISTORS S-BAND RADAR APPLICATIONS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com