Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AUP1G08YZPR Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
SN74AUP1G08YZPR Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 17 page www.ti.com Recommended Operating Conditions (1) SN74AUP1G08 LOW-POWER SINGLE 2-INPUT POSITIVE-AND GATE SCES502G – NOVEMBER 2003 – REVISED OCTOBER 2007 MIN MAX UNIT VCC Supply voltage 0.8 3.6 V VCC = 0.8 V VCC VCC = 1.1 V to 1.95 V 0.65 × V CC VIH High-level input voltage V VCC = 2.3 V to 2.7 V 1.6 VCC = 3 V to 3.6 V 2 VCC = 0.8 V 0 VCC = 1.1 V to 1.95 V 0.35 × V CC VIL Low-level input voltage V VCC = 2.3 V to 2.7 V 0.7 VCC = 3 V to 3.6 V 0.9 VI Input voltage 0 3.6 V VO Output voltage 0 VCC V VCC = 0.8 V –20 μA VCC = 1.1 V –1.1 VCC = 1.4 V –1.7 IOH High-level output current VCC = 1.65 –1.9 mA VCC = 2.3 V –3.1 VCC = 3 V –4 VCC = 0.8 V 20 μA VCC = 1.1 V 1.1 VCC = 1.4 V 1.7 IOL Low-level output current VCC = 1.65 V 1.9 mA VCC = 2.3 V 3.1 VCC = 3 V 4 Δt/Δv Input transition rise or fall rate VCC = 0.8 V to 3.6 V 200 ns/V TA Operating free-air temperature –40 85 °C (1) All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 4 Submit Documentation Feedback Copyright © 2003–2007, Texas Instruments Incorporated Product Folder Link(s): SN74AUP1G08 |
Numéro de pièce similaire - SN74AUP1G08YZPR |
|
Description similaire - SN74AUP1G08YZPR |