Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BA-10E1UD Datasheet(Fiches technique) 3 Page - BRIGHT LED ELECTRONICS CORP

Numéro de pièce BA-10E1UD
Description  hi-eff red chips, which are made from GaAsP on GaP substrate.
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Site Internet  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BA-10E1UD Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BA-10E1UD Datenblatt HTML 1Page - BRIGHT LED ELECTRONICS CORP BA-10E1UD Datenblatt HTML 2Page - BRIGHT LED ELECTRONICS CORP BA-10E1UD Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver.2.0 Page 3 of 3
SINCE 1981
Typical Electro-Optical Characteristics Curves
(25℃ Ambient Temperature Unless Otherwise Noted)
Fig.1 Relative Radiant Intensity VS. Wavelength
Wavelength(nm)
Forward Voltage
Fig.4 Relative Luminous
Forward Current(mA)
Forward Voltage (V)
0.0
0
1.0
2.0
3.0
0
0
30
10
20
40
50
40
10
20
30
50
Forward Current
4
Intensity VS.
12
3
5
Fig.2 Forward Current VS.
560
0
0.5
1.0
590
620
Ambient Temperature
Ambient Temperature
Derating Curve VS.
Fig.5 Forward Current
Ambient Temperature Ta( C)
Ambient Temperature Ta( C)
0
0
20
10
30
40
80
60
20
40
0.5
50
-40
0
1.5
1.0
3.0
2.5
2.0
0
-20
20
120
100
40
60
Fig.3 Relative Luminous
650
680
Intensity VS.
710
740
BA-10E1UD


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn