Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8496-J15-A-T Fiches technique(PDF) 1 Page - Unisonic Technologies

No de pièce TDA8496-J15-A-T
Description  5W5W AMPLIFIER WITH DC VOLUME CONTROL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TDA8496-J15-A-T Fiches technique(HTML) 1 Page - Unisonic Technologies

  TDA8496-J15-A-T Datasheet HTML 1Page - Unisonic Technologies TDA8496-J15-A-T Datasheet HTML 2Page - Unisonic Technologies TDA8496-J15-A-T Datasheet HTML 3Page - Unisonic Technologies TDA8496-J15-A-T Datasheet HTML 4Page - Unisonic Technologies TDA8496-J15-A-T Datasheet HTML 5Page - Unisonic Technologies TDA8496-J15-A-T Datasheet HTML 6Page - Unisonic Technologies TDA8496-J15-A-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TDA8496
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R107-030,C
5W+5W AMPLIFIER WITH DC
VOLUME CONTROL
DESCRIPTION
The UTC TDA8496 is a stereo 5+5W class AB power amplifier
with mute and dc volume control, assembled in the HZIP-15A/B
package. It is designed for high quality sound, LCD TV or LCD
Monitor applications.
FEATURES
* 5+5w output power @ VCC= 22V; RL = 8Ω
* Low turn-on turn-off pop noise
* Low external components
* Short circuit & thermal overload protection
* Linear volume control by DC voltage
* Soft clipping
* Internally fixed gain
* St-by and mute functions
HZIP-15A
HZIP-15B
*Pb-free plating product number: TDA8496L
ORDERING INFORMATION
TDA8496L-J15-A-T
(1)Packing Type
(3)Lead Plating
(2)Package Type
(1) T: Tube
(2) J15-A:HZIP-15A, J15-B:HZIP-15B
(3) Lead Free Plating, Blank: Pb/Sn
Order Number
Normal
Lead Free Plating
Package
Packing
TDA8496-J15-A-T
TDA8496L-J15-A-T
HZIP-15A
Tube
TDA8496-J15-B-T
TDA8496L-J15-B-T
HZIP-15B
Tube


Numéro de pièce similaire - TDA8496-J15-A-T

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
TDA8496-J15-A-T UTC-TDA8496-J15-A-T Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496-J15-A-T UTC-TDA8496-J15-A-T Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496-J15-A-T UTC-TDA8496-J15-A-T Datasheet
247Kb / 7P
   5W AMPLIFIER WITH DC VOLUME CONTROL
More results

Description similaire - TDA8496-J15-A-T

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA7496 STMICROELECTRONICS-TDA7496 Datasheet
167Kb / 10P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA7496 STMICROELECTRONICS-TDA7496_03 Datasheet
236Kb / 11P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_10 Datasheet
259Kb / 8P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496 Datasheet
231Kb / 6P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SA STMICROELECTRONICS-TDA7496SA Datasheet
1Mb / 13P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
logo
Unisonic Technologies
TDA8496 UTC-TDA8496_12 Datasheet
247Kb / 7P
   5W5W AMPLIFIER WITH DC VOLUME CONTROL
TDA8496 UTC-TDA8496_15 Datasheet
247Kb / 7P
   5W AMPLIFIER WITH DC VOLUME CONTROL
logo
STMicroelectronics
TDA7496SSA STMICROELECTRONICS-TDA7496SSA Datasheet
534Kb / 12P
   5W5W AMPLIFIER
TDA7496S STMICROELECTRONICS-TDA7496S Datasheet
187Kb / 10P
   5W5W AMPLIFIER
logo
Sanyo Semicon Device
LA42352 SANYO-LA42352 Datasheet
400Kb / 9P
   Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com