Moteur de recherche de fiches techniques de composants électroniques |
|
TPS79926YZUR Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
TPS79926YZUR Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 27 page www.ti.com 90 80 70 60 50 40 30 20 10 0 10 100 1k 10k Frequency (Hz) 100k 1M 10M I OUT = 1mA I OUT = 200mA C NR = 0.01µF C OUT = 10.0µF 90 80 70 60 50 40 30 20 10 0 10 100 1k 10k Frequency (Hz) 100k 1M 10M I OUT = 1mA I OUT = 200mA C NR = 0.01µF C OUT = 10.0µF 90 80 70 60 50 40 30 20 10 0 10 100 1k 10k Frequency (Hz) 100k 1M 10M I OUT = 200mA C NR = None C OUT = 10.0µF I OUT = 1mA 90 80 70 60 50 40 30 20 10 0 0.0 1.0 1.5 0.5 2.0 2.5 V IN − VOUT (V) 3.0 3.5 4.0 0.1kHz 10kHz 1kHz 100kHz 1MHz C NR = 0.01µF C OUT = 2.2µF 90 80 70 60 50 40 30 20 10 0 0.0 1.0 1.5 0.5 2.0 2.5 V IN − VOUT (V) 3.0 3.5 4.0 0.1kHz 1kHz 10kHz 100kHz 1MHz C NR = 0.01µF C OUT = 2.2µF 90 80 70 60 50 40 30 20 10 0 0.0 1.0 1.5 0.5 2.0 2.5 V IN − VOUT (V) 3.0 3.5 4.0 0.1kHz 100kHz 1kHz 10kHz 1MHz C NR = 0.01µF C OUT = 2.2µF TPS799xx SBVS056I – JANUARY 2005 – REVISED NOVEMBER 2007 TYPICAL CHARACTERISTICS (continued) Over operating temperature range (TJ= –40°C to +125°C), VIN = VOUT(TYP) + 0.3V or 2.7V, whichever is greater; IOUT = 1mA, VEN = VIN, COUT = 2.2µF, CNR = 0.01µF, unless otherwise noted. For TPS79901, VOUT = 3.0V. Typical values are at TJ = +25°C. TPS799285 POWER-SUPPLY RIPPLE REJECTION vs TPS799285 POWER-SUPPLY RIPPLE REJECTION vs FREQUENCY (VIN – VOUT = 1.0V) FREQUENCY (VIN – VOUT = 0.25V) Figure 15. Figure 16. TPS799285 POWER-SUPPLY RIPPLE REJECTION vs POWER-SUPPLY RIPPLE REJECTION vs FREQUENCY (VIN – VOUT = 1.0V) VIN – VOUT, IOUT = 1mA Figure 17. Figure 18. POWER-SUPPLY RIPPLE REJECTION vs POWER-SUPPLY RIPPLE REJECTION vs VIN – VOUT, IOUT = 100mA VIN – VOUT, IOUT = 200mA Figure 19. Figure 20. Copyright © 2005–2007, Texas Instruments Incorporated Submit Documentation Feedback 7 |
Numéro de pièce similaire - TPS79926YZUR |
|
Description similaire - TPS79926YZUR |