Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-0601 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce HCPL-0601
Description  HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-0601 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  HCPL-0601 Datasheet HTML 1Page - Fairchild Semiconductor HCPL-0601 Datasheet HTML 2Page - Fairchild Semiconductor HCPL-0601 Datasheet HTML 3Page - Fairchild Semiconductor HCPL-0601 Datasheet HTML 4Page - Fairchild Semiconductor HCPL-0601 Datasheet HTML 5Page - Fairchild Semiconductor HCPL-0601 Datasheet HTML 6Page - Fairchild Semiconductor HCPL-0601 Datasheet HTML 7Page - Fairchild Semiconductor HCPL-0601 Datasheet HTML 8Page - Fairchild Semiconductor HCPL-0601 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HIGH SPEED-10 MBit/s
LOGIC GATE OPTOCOUPLERS
HCPL-0600
HCPL-0601
1/7/04
Page 2 of 13
© 2004 Fairchild Semiconductor Corporation
*6.3 mA is a guard banded value which allows for at least 20% CTR degradation. Initial input current threshold value is 5.0 mA or
less
ABSOLUTE MAXIMUM RATINGS (No derating required up to 85°C)
Parameter
Symbol
Value
Units
Storage Temperature
TSTG
-40 to +125
°C
Operating Temperature
TOPR
-40 to +85
°C
Lead Solder Temperature
TSOL
260 for 10 sec
°C
EMITTER
DC/Average Forward Input Current
IF
50
mA
Enable Input Voltage
Not to exceed VCC by more than 500 mV
VE
5.5
V
Reverse Input Voltage
VR
5.0
V
Power Dissipation
PI
45
mW
DETECTOR
Supply Voltage
VCC
(1 minute max)
7.0
V
Output Current
IO
50
mA
Output Voltage
VO
7.0
V
Collector Output Power Dissipation
PO
85
mW
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Units
Input Current, Low Level
IFL
0
250
µA
Input Current, High Level
IFH
*6.3
15
mA
Supply Voltage, Output
VCC
4.5
5.5
V
Enable Voltage, Low Level
VEL
0
0.8
V
Enable Voltage, High Level
VEH
2.0
VCC
V
Operating Temperature
TA
-40
+85
°C
Fan Out (TTL load)
N
8


Numéro de pièce similaire - HCPL-0601

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL-0601 FAIRCHILD-HCPL-0601 Datasheet
616Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-0601 HP-HCPL-0601 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601 HP-HCPL-0601 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-0601 HP-HCPL-0601 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-0601 HP-HCPL-0601 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
More results

Description similaire - HCPL-0601

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com