Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


SN74ABT541BNE4 Datasheet(Fiches technique) 5 Page - Texas Instruments

Numéro de pièce SN74ABT541BNE4
Description  OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Télécharger  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo 

 
 5 page
background image
www.ti.com
Switching Characteristics, SN54ABT541
Switching Characteristics, SN74ABT541B
SN54ABT541, SN74ABT541B
OCTAL BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS093L – DECEMBER 1993 – REVISED DECEMBER 2006
over recommended ranges of supply voltage and operating free-air temperature, C
L = 50 pF (unless otherwise noted)
(see Figure 1)
VCC = 5 V,
FROM
TO
TA = 25
°C
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
tPLH
1
2.6
4.1
1
4.6
A
Y
ns
tPHL
1
2.9
4.2
1
4.7
tPZH
1.1
3.1
4.8
1.1
5.4
OE
Y
ns
tPZL
2.1
4.4
5.9
2.1
7
tPHZ
2.1
5.1
6.6
2.1
7.5
OE
Y
ns
tPLZ
1.7
4.7
6.2
1.7
6.7
over recommended ranges of supply voltage and operating free-air temperature, C
L = 50 pF (unless otherwise noted)
(see Figure 1)
VCC = 5 V,
FROM
TO
TA = 25
°C
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
tPLH
1
2
3.2
1
3.9
A
Y
ns
tPHL
1
2.6
3.5
1
3.9
tPZH
2
3.5
4.5
2
4
OE
Y
ns
tPZL
1.9
4
5.1
1.9
5.9
tPHZ
2.2
4.4
5.4
2.2
5.8
OE
Y
ns
tPLZ
1.5
3
4
1.5
4.4
tsk(o)(1)
0.5
0.5
ns
(1)
Skew between any two outputs of the same package switching in the same direction.
5
Submit Documentation Feedback




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SN54LV244A_07OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LVTH241_063.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ABT541_07OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54LV240A_07OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54F541_06OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54AHCT244_07OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54AHCT240_06OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54AHC240_07OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ACT240_07OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54BCT541_07OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl