Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN2103 Fiches technique(PDF) 12 Page - Fairchild Semiconductor

No de pièce FAN2103
Description  3A, 24V Input Integrated Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2103 Fiches technique(HTML) 12 Page - Fairchild Semiconductor

Back Button FAN2103 Datasheet HTML 6Page - Fairchild Semiconductor FAN2103 Datasheet HTML 7Page - Fairchild Semiconductor FAN2103 Datasheet HTML 8Page - Fairchild Semiconductor FAN2103 Datasheet HTML 9Page - Fairchild Semiconductor FAN2103 Datasheet HTML 10Page - Fairchild Semiconductor FAN2103 Datasheet HTML 11Page - Fairchild Semiconductor FAN2103 Datasheet HTML 12Page - Fairchild Semiconductor FAN2103 Datasheet HTML 13Page - Fairchild Semiconductor FAN2103 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2103 Rev. 1.0.3
12
Table 1. Fault / Restart Provisioning
EN pin
Controller / Restart State
Pull to GND
OFF (disabled)
VCC
No restart – latched OFF
Open
Immediate restart after fault
Cap to GND
New soft-start cycle after:
tDELAY (msec) = 3.9
C(nf)
With EN left open, restart is immediate.
If auto-restart is not desired, tie the EN pin to the VCC
pin or drive it with a logic gate to keep the 1µA current
sink from discharging EN to 1.1V.
Figure 24.
Fault Latch with Delayed Auto-Restart
Over-Temperature Protection
FAN2103 incorporates an over-temperature protection
circuit that sets the fault latch when a die temperature of
about 160°C is reached. The IC is allowed to restart
when the die temperature falls below 130°C.
Power Good (PGOOD) Signal
PGOOD is an open-drain output that asserts LOW
when VOUT is out of regulation, as measured at the FB
pin
(thresholds
are
specified
in
the
Electrical
Specifications section). PGOOD does not assert HIGH
until the fault latch is enabled (T1.0).
Power-Saving Mode
The FAN2103 maintains high efficiency at light load by
changing to a discontinuous, constant peak current,
power-saving mode (PSM).
The transition to power-saving mode occurs when the load
is <
ΔIL/2 for eight consecutive clock cycles.
In power-saving mode, a constant-peak inductor current
(
ΔILPSM) is generated each on-cycle. ΔILPSM is nominally
85% larger than PWM-mode inductor ripple (
ΔIL).
During power-saving mode, the output is regulated to a
slightly higher value than its set point, since the current
pulse is triggered when FB crosses VREF.
The IC is prevented from switching in the audible band.
If the FB pin has not dropped to VREF within 40µs of the
last pulse, the IC sinks current through the inductor to
initiate a new cycle.
Transition back to PWM mode is achieved when a load
transient causes the output voltage to drop 1.5% below
its regulation point.
Figure 25. Power-Saving Mode Regulation
(Using Figure 10 Circuit)
Power-saving mode operation can be disabled by
connecting the PWM# pin to AGND, allowing only PWM
operation. The PWM# pin has a 1µA pull-down. If <0.6V
is detected, power-saving mode operation is disabled.
PCB Layout
Figure 26. Recommended PCB Layout
1.78
1.79
1.8
1.81
1.82
1.83
1.84
1.85
0
0.25
0.5
0.75
1
1.25
1.5
PSM to PWM
PWM to PSM
PWM to PSM
Transition
PSM to PWM
Transition


Numéro de pièce similaire - FAN2103

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2103 FAIRCHILD-FAN2103 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103EMPX FAIRCHILD-FAN2103EMPX Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103EMPX FAIRCHILD-FAN2103EMPX_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN2103MPX FAIRCHILD-FAN2103MPX Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103MPX FAIRCHILD-FAN2103MPX_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
More results

Description similaire - FAN2103

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
logo
International Rectifier
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
logo
Fairchild Semiconductor
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
logo
International Rectifier
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com