Moteur de recherche de fiches techniques de composants électroniques |
|
TLC072CDR Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
TLC072CDR Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 50 page TLC070, TLC071, TLC072, TLC073, TLC074, TLC075, TLC07xA FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS SLOS219E − JUNE 1999 − REVISED SEPTEMBER 2006 5 WWW.TI.COM POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT TLC070/1/2/3, 25 °C 390 1900 VIO Input offset voltage VDD = 5 V, TLC070/1/2/3, TLC074/5 Full range 3000 V VIO Input offset voltage VDD = 5 V, VIC = 2.5 V, TLC070/1/2/3A, 25 °C 390 1400 µV VIC = 2.5 V, VO = 2.5 V, RS = 50 Ω TLC070/1/2/3A, TLC074/5A Full range 2000 VIO Temperature coefficient of input O RS = 50 Ω 1.2 V/ °C αVIO Temperature coefficient of input offset voltage 1.2 µV/°C 25 °C 0.7 50 IIO Input offset current VDD = 5 V, TLC07XC Full range 100 pA IIO Input offset current VDD = 5 V, VIC = 2.5 V, TLC07XI Full range 700 pA VIC = 2.5 V, VO = 2.5 V, R = 50 Ω 25 °C 1.5 50 IIB Input bias current VO = 2.5 V, RS = 50 Ω TLC07XC Full range 100 pA IIB Input bias current TLC07XI Full range 700 pA VICR Common-mode input voltage RS = 50 Ω 25 °C 0.5 to 4.2 V VICR Common-mode input voltage RS = 50 Ω Full range 0.5 to 4.2 V IOH = − 1 mA 25 °C 4.1 4.3 IOH = − 1 mA Full range 3.9 IOH = − 20 mA 25 °C 3.7 4 IOH = − 20 mA Full range 3.5 VOH High-level output voltage VIC = 2.5 V IOH = − 35 mA 25 °C 3.4 3.8 V VOH High-level output voltage VIC = 2.5 V IOH = − 35 mA Full range 3.2 V 25 °C 3.2 3.6 IOH = − 50 mA −40 °C to 85 °C 3 IOL = 1 mA 25 °C 0.18 0.25 IOL = 1 mA Full range 0.35 IOL = 20 mA 25 °C 0.35 0.39 IOL = 20 mA Full range 0.45 VOL Low-level output voltage VIC = 2.5 V IOL = 35 mA 25 °C 0.43 0.55 V VOL Low-level output voltage VIC = 2.5 V IOL = 35 mA Full range 0.7 V 25 °C 0.48 0.63 IOL = 50 mA −40 °C to 85 °C 0.7 IOS Short-circuit output current Sourcing 25 °C 100 mA IOS Short-circuit output current Sinking 25 °C 100 mA IO Output current VOH = 1.5 V from positive rail 25 °C 57 mA IO Output current VOL = 0.5 V from negative rail 25 °C 55 mA † Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C. |
Numéro de pièce similaire - TLC072CDR |
|
Description similaire - TLC072CDR |