Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS73633DRBT Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS73633DRBT
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS73633DRBT Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS73633DRBT Datasheet HTML 4Page - Texas Instruments TPS73633DRBT Datasheet HTML 5Page - Texas Instruments TPS73633DRBT Datasheet HTML 6Page - Texas Instruments TPS73633DRBT Datasheet HTML 7Page - Texas Instruments TPS73633DRBT Datasheet HTML 8Page - Texas Instruments TPS73633DRBT Datasheet HTML 9Page - Texas Instruments TPS73633DRBT Datasheet HTML 10Page - Texas Instruments TPS73633DRBT Datasheet HTML 11Page - Texas Instruments TPS73633DRBT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
www.ti.com
40
35
30
25
20
15
10
5
0
0.2
V
V
(V)
-
IN
OUT
Frequency=10kHz
C
=10 F
V
=2.5V
I
=100mA
OUT
OUT
OUT
m
0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
10k
10
90
80
70
60
50
40
30
20
10
0
100
1k
100k
1M
10M
Frequency (Hz)
I
OUT = 1mA
C
OUT = 1µF
I
OUT = Any
C
OUT = 0µF
V
IN = VOUT + 1V
I
OUT = 1mA
C
OUT = Any
I
OUT = 1mA
C
OUT = 10µF
I
OUT = 100mA
C
OUT = Any
I
OUT = 100mA
C
OUT = 10µF
I
O = 100mA
C
O = 1µF
1
0.1
0.01
10
100
1k
10k
100k
Frequency (Hz)
C
OUT = 1µF
C
OUT = 0µF
C
OUT = 10µF
I
OUT = 150mA
1
0.1
0.01
10
100
1k
10k
100k
Frequency (Hz)
I
OUT = 150mA
C
OUT = 1µF
C
OUT = 0µF
C
OUT = 10µF
60
50
40
30
20
10
0
C
OUT (µF)
0.1
1
10
V
OUT = 5.0V
V
OUT = 3.3V
V
OUT = 1.5V
C
NR = 0.01µF
10Hz < Frequency < 100kHz
140
120
100
80
60
40
20
0
C
NR (F)
1p
10p
100p
1n
10n
V
OUT = 5.0V
V
OUT = 3.3V
V
OUT = 1.5V
C
OUT = 0µF
10Hz < Frequency < 100kHz
TPS736xx
SBVS038Q – SEPTEMBER 2003 – REVISED AUGUST 2007
TYPICAL CHARACTERISTICS (continued)
For all voltage versions, at TJ = +25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1μF, unless otherwise
noted.
PSRR (RIPPLE REJECTION) vs FREQUENCY
PSRR (RIPPLE REJECTION) vs VIN – VOUT
Figure 15.
Figure 16.
NOISE SPECTRAL DENSITY
NOISE SPECTRAL DENSITY
CNR = 0μF
CNR = 0.01μF
Figure 17.
Figure 18.
RMS NOISE VOLTAGE vs COUT
RMS NOISE VOLTAGE vs CNR
Figure 19.
Figure 20.
8
Submit Documentation Feedback
Copyright © 2003–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS736xx


Numéro de pièce similaire - TPS73633DRBT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS73633DRBT TI-TPS73633DRBT Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73633DRBT TI-TPS73633DRBT Datasheet
641Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator
TPS73633DRBT TI-TPS73633DRBT Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73633DRBT TI-TPS73633DRBT Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73633DRBT TI-TPS73633DRBT Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results

Description similaire - TPS73633DRBT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73625QDBVRQ1 TI-TPS73625QDBVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601-Q1 TI1-TPS73601-Q1 Datasheet
576Kb / 22P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com