Moteur de recherche de fiches techniques de composants électroniques |
|
TPS73632DBVR Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
TPS73632DBVR Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 26 page www.ti.com 40 35 30 25 20 15 10 5 0 0.2 V V (V) - IN OUT Frequency=10kHz C =10 F V =2.5V I =100mA OUT OUT OUT m 0 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 10k 10 90 80 70 60 50 40 30 20 10 0 100 1k 100k 1M 10M Frequency (Hz) I OUT = 1mA C OUT = 1µF I OUT = Any C OUT = 0µF V IN = VOUT + 1V I OUT = 1mA C OUT = Any I OUT = 1mA C OUT = 10µF I OUT = 100mA C OUT = Any I OUT = 100mA C OUT = 10µF I O = 100mA C O = 1µF 1 0.1 0.01 10 100 1k 10k 100k Frequency (Hz) C OUT = 1µF C OUT = 0µF C OUT = 10µF I OUT = 150mA 1 0.1 0.01 10 100 1k 10k 100k Frequency (Hz) I OUT = 150mA C OUT = 1µF C OUT = 0µF C OUT = 10µF 60 50 40 30 20 10 0 C OUT (µF) 0.1 1 10 V OUT = 5.0V V OUT = 3.3V V OUT = 1.5V C NR = 0.01µF 10Hz < Frequency < 100kHz 140 120 100 80 60 40 20 0 C NR (F) 1p 10p 100p 1n 10n V OUT = 5.0V V OUT = 3.3V V OUT = 1.5V C OUT = 0µF 10Hz < Frequency < 100kHz TPS736xx SBVS038Q – SEPTEMBER 2003 – REVISED AUGUST 2007 TYPICAL CHARACTERISTICS (continued) For all voltage versions, at TJ = +25°C, VIN = VOUT(nom) + 0.5V, IOUT = 10mA, VEN = 1.7V, and COUT = 0.1μF, unless otherwise noted. PSRR (RIPPLE REJECTION) vs FREQUENCY PSRR (RIPPLE REJECTION) vs VIN – VOUT Figure 15. Figure 16. NOISE SPECTRAL DENSITY NOISE SPECTRAL DENSITY CNR = 0μF CNR = 0.01μF Figure 17. Figure 18. RMS NOISE VOLTAGE vs COUT RMS NOISE VOLTAGE vs CNR Figure 19. Figure 20. 8 Submit Documentation Feedback Copyright © 2003–2007, Texas Instruments Incorporated Product Folder Link(s): TPS736xx |
Numéro de pièce similaire - TPS73632DBVR |
|
Description similaire - TPS73632DBVR |