Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62224DDCT Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62224DDCT
Description  400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62224DDCT Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS62224DDCT Datasheet HTML 3Page - Texas Instruments TPS62224DDCT Datasheet HTML 4Page - Texas Instruments TPS62224DDCT Datasheet HTML 5Page - Texas Instruments TPS62224DDCT Datasheet HTML 6Page - Texas Instruments TPS62224DDCT Datasheet HTML 7Page - Texas Instruments TPS62224DDCT Datasheet HTML 8Page - Texas Instruments TPS62224DDCT Datasheet HTML 9Page - Texas Instruments TPS62224DDCT Datasheet HTML 10Page - Texas Instruments TPS62224DDCT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
www.ti.com
70
75
80
85
90
95
100
2.5
3
3.5
4
4.5
5
5.5
6
VO = 1.8 V,
L = 4.7
µH,
CO = 22 µF
IL = 150 mA
IL = 300 mA
VI − Input Voltage − V
IL = 1 mA
40
45
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
1000
VO = 1.5 V,
L = 4.7
µH,
CO = 10 µF
VI = 2.7 V
VI = 5 V
IL - Load Current - mA
VI = 3.7 V
0
5
10
15
20
25
2.5
3
3.5
4
4.5
5
5.5
6
TA = 85°C
TA = 25°C
TA = −40°C
VI − Input Voltage − V
1130
1140
1150
1160
1170
1180
1190
−40 −30 −20 −10 0
10 20 30 40 50 60 70 80
TA − Temperature − °C
VI = 3.6 V
VI = 6 V
VI = 2.5 V
TPS62220, TPS62221, TPS62222
TPS62223, TPS62224, TPS62227
TPS62228, TPS62229
SLVS491D – SEPTEMBER 2003 – REVISED MARCH 2006
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
INPUT VOLTAGE
Figure 3.
Figure 4.
NO LOAD QUIESCENT CURRENT
SWITCHING FREQUENCY
vs
vs
INPUT VOLTAGE
TEMPERATURE
Figure 5.
Figure 6.
7
Submit Documentation Feedback


Numéro de pièce similaire - TPS62224DDCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62224DDCT TI-TPS62224DDCT Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62224DDCTG4 TI-TPS62224DDCTG4 Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
More results

Description similaire - TPS62224DDCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI-TPS62220_09 Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
[Old version datasheet]   1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com