Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AUP1G58DRYR Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
SN74AUP1G58DRYR Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 19 page www.ti.com Electrical Characteristics SN74AUP1G58 LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE SCES504H – NOVEMBER 2003 – REVISED DECEMBER 2007 over recommended operating free-air temperature range (unless otherwise noted) TA = 25°C TA = –40°C to 85°C PARMETER TEST CONDITIONS VCC UNIT MIN TYP MAX MIN MAX VT+ 0.8 V 0.3 0.6 0.3 0.6 1.1 V 0.53 0.9 0.53 0.9 1.4 V 0.74 1.11 0.74 1.11 Positive-going V input threshold 1.65 V 0.91 1.29 0.91 1.29 voltage 2.3 V 1.37 1.77 1.37 1.77 3 V 1.88 2.29 1.88 2.29 VT– 0.8 V 0.1 0.6 0.1 0.6 1.1 V 0.26 0.65 0.26 0.65 1.4 V 0.39 0.75 0.39 0.75 Negative-going V input threshold 1.65 V 0.47 0.84 0.47 0.84 voltage 2.3 V 0.69 1.04 0.69 1.04 3 V 0.88 1.24 0.88 1.24 ΔVT 0.8 V 0.07 0.5 0.07 0.5 1.1 V 0.08 0.46 0.08 0.46 1.4 V 0.18 0.56 0.18 0.56 V Hysteresis 1.65 V 0.27 0.66 0.27 0.66 (VT+ – VT–) 2.3 V 0.53 0.92 0.53 0.92 3 V 0.79 1.31 0.79 1.31 IOH = –20 µA 0.8 V to 3.6 V VCC – 0.1 VCC – 0.1 IOH = –1.1 mA 1.1 V 0.75 × V CC 0.7 × V CC IOH = –1.7 mA 1.4 V 1.11 1.03 IOH = –1.9 mA 1.65 V 1.32 1.3 VOH V IOH = –2.3 mA 2.05 1.97 2.3 V IOH = –3.1 mA 1.9 1.85 IOH = –2.7 mA 2.72 2.67 3 V IOH = –4 mA 2.6 2.55 IOL = 20 µA 0.8 V to 3.6 V 0.1 0.1 IOL = 1.1 mA 1.1 V 0.3 × V CC 0.3 × V CC IOL = 1.7 mA 1.4 V 0.31 0.37 IOL = 1.9 mA 1.65 V 0.31 0.35 VOL V IOL = 2.3 mA 0.31 0.33 2.3 V IOL = 3.1 mA 0.44 0.45 IOL = 2.7 mA 0.31 0.33 3 V IOL = 4 mA 0.44 0.45 II All inputs VI = GND to 3.6 V 0 V to 3.6 V 0.1 0.5 µA Ioff VI or VO = 0 V to 3.6 V 0 V 0.2 0.6 µA ΔIoff VI or VO = 0 V to 3.6 V 0 V to 0.2 V 0.2 0.6 µA VI = GND or (VCC to 3.6 V), ICC 0.8 V to 3.6 V 0.5 0.9 µA IO = 0 VI = VCC – 0.6 V (1), ΔICC 3.3 V 40 50 µA IO = 0 0 V 1.5 Ci VI = VCC or GND pF 3.6 V 1.5 Co VO = GND 0 V 3 pF (1) One input at VCC – 0.6 V, other inputs at VCC or GND 6 Submit Documentation Feedback Copyright © 2003–2007, Texas Instruments Incorporated Product Folder Link(s): SN74AUP1G58 |
Numéro de pièce similaire - SN74AUP1G58DRYR |
|
Description similaire - SN74AUP1G58DRYR |