Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5066BRUZ-1REEL7 Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD5066BRUZ-1REEL7
Description  Fully Accurate 16-Bit UnBuffered VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5066BRUZ-1REEL7 Fiches technique(HTML) 3 Page - Analog Devices

  AD5066BRUZ-1REEL7 Datasheet HTML 1Page - Analog Devices AD5066BRUZ-1REEL7 Datasheet HTML 2Page - Analog Devices AD5066BRUZ-1REEL7 Datasheet HTML 3Page - Analog Devices AD5066BRUZ-1REEL7 Datasheet HTML 4Page - Analog Devices AD5066BRUZ-1REEL7 Datasheet HTML 5Page - Analog Devices AD5066BRUZ-1REEL7 Datasheet HTML 6Page - Analog Devices AD5066BRUZ-1REEL7 Datasheet HTML 7Page - Analog Devices AD5066BRUZ-1REEL7 Datasheet HTML 8Page - Analog Devices AD5066BRUZ-1REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Preliminary Technical Data
AD5066
Rev. PrB | Page 3 of 20
SPECIFICATIONS
VDD = 2.7 V to 5.5 V, RL = 2 kΩ to GND, CL = 200 pF to GND, 2.2V ≤VREFIN ≤. VDD unless otherwise specified. All specifications TMIN to
TMAX, unless otherwise noted.
Table 2.
A Grade1 2
B Grade1
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
Conditions/Comments
STATIC PERFORMANCE3
Resolution
16
16
Bits
AD5066
Relative Accuracy
±0.5
±4
±0.5
±1
LSB
AD5066
TA = -40°C to +105°C
±0.5
±4
±0.5
±1.5
AD5066
TA = -40°C to +125°C
Differential Nonlinearity
±0.5
±1
±0.5
±1
LSB
AD5066
TA = -40°C to +105°C
±0.5
±1
±0.5
±1
AD5066
TA = -40°C to +125°C
Total Unadjusted Error
(TUE)
±500
±800
±500
800
μV
AD5066
TA = -40°C to +105°C
±500
±800
±500
800
μV
AD5066
TA = -40°C to +125°C
Offset Error
0.05
0.1
0.05
0.1
±mV
All 0s loaded to DAC register
Offset Error Temperature
Coefficient
±0.5
±0.5
μV/°C
Full-Scale Error
±500
±800
±500
800
μV
TA = -40°C to +105°C All 1s loaded to DAC
register
±500
±800
±500
800
μV
TA = -40°C to +125°C
Gain Error
±0.01
±0.02
±0.01
±0.02
% FSR
Gain Temperature Coefficient
±1
±1
ppm
Ppm Of FSR/°C
DC Power Supply Rejection
Ratio
–80
–80
dB
VDD ± 10%
DC Crosstalk
(External Reference)
0.5
0.5
LSB
Due to single-channel full-scale output
change,
RL = 2 kΩ to GND or VDD
0.5
0.5
LSB/m
A
Due to load current change
0.5
0.5
LSB
Due to powering down (per channel)
OUTPUT CHARACTERISTICS4
Output Voltage Range
0
VDD
0
VDD
V
DC Output Impedance
(Normal mode)
8
8
Output impedance tolerance ±10%
DC Output Impedance
DAC in Power Down mode
(output connected to 100kΩ
network)
100
Output impedance tolerance ± 20kΩ
(output connected to 1kΩ
network)
1
Output impedance tolerance ± 400Ω
Power-Up Time
4.5
4.5
μs
All DACs coming out of power-down mode
VDD = 5 V
DC PSRR
-92
-92
dB
VDD±10%, DAC = full scale
Wideband SFDR
-67
-67
dB
Output frequency = 10Khz
REFERENCE INPUTS
Reference Input Range
2
VDD
2
VDD
V
Reference Current
40
50
40
50
μA
Per DAC channel
Reference Input Impedance
120
120
Per DAC channel
LOGIC INPUTS4
Input Current5
±3
±3
μA
All digital inputs
Input Low Voltage, VINL
0.8
0.8
V
VDD = 5 V
Input High Voltage, VINH
2
2
V
VDD = 5 V


Numéro de pièce similaire - AD5066BRUZ-1REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5066BRUZ-REEL7 AD-AD5066BRUZ-REEL7 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ-REEL7 AD-AD5066BRUZ-REEL7 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface
REV. A
More results

Description similaire - AD5066BRUZ-1REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5066 AD-AD5066_15 Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5066BRUZ AD-AD5066BRUZ Datasheet
617Kb / 24P
   Fully Accurate, 16-Bit, Unbuffered VOUT, Quad SPI Interface, 2.7 V to 5.5 V nanoDAC in a TSSOP
REV. A
AD5025 AD-AD5025 Datasheet
1Mb / 33P
   Fully Accurate 12-/14-/16-Bit VOUT DAC SPI Interface 2.7 V to 5.5 V in a TSSOP
Rev. PrB
AD5063 AD-AD5063_09 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5063 AD-AD5063_15 Datasheet
350Kb / 20P
   Fully Accurate 16-Bit VOUT nanoDAC SPI Interface 2.7 V to 5.5 V in an MSOP
REV. C
AD5025 AD-AD5025_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5025 AD-AD5025_08 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5045 AD-AD5045_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5065 AD-AD5065_15 Datasheet
1Mb / 28P
   Fully Accurate, 12-/14-/16-Bit, Dual, VOUT nanoDAC SPI Interface, 4.5 V to 5.5 V in a TSSOP
REV. 0
AD5064BRUZ-1 AD-AD5064BRUZ-1 Datasheet
2Mb / 28P
   Fully Accurate, 12-/14-/16-Bit VOUT nanoDAC, Quad, SPI Interface, 4.5 V to 5.5 V in TSSOP
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com