Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UA78L09ACLP Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce UA78L09ACLP
Description  POSITIVE-VOLTAGE REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UA78L09ACLP Fiches technique(HTML) 6 Page - Texas Instruments

Back Button UA78L09ACLP Datasheet HTML 2Page - Texas Instruments UA78L09ACLP Datasheet HTML 3Page - Texas Instruments UA78L09ACLP Datasheet HTML 4Page - Texas Instruments UA78L09ACLP Datasheet HTML 5Page - Texas Instruments UA78L09ACLP Datasheet HTML 6Page - Texas Instruments UA78L09ACLP Datasheet HTML 7Page - Texas Instruments UA78L09ACLP Datasheet HTML 8Page - Texas Instruments UA78L09ACLP Datasheet HTML 9Page - Texas Instruments UA78L09ACLP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
µA78L00 SERIES
POSITIVEVOLTAGE REGULATORS
SLVS010S − JANUARY 1976 − REVISED FEBRUARY 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified virtual junction temperature, VI = 12 V, IO = 40 mA (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TJ†
µA78L06C
µA78L06AC
UNIT
PARAMETER
TEST CONDITIONS
TJ†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VI = 8.5 V to 20 V,
IO = 1 mA to 40 mA
25
°C
5.7
6.2
6.7
5.95
6.2
6.45
Output voltage
VI = 8.5 V to 20 V,
IO = 1 mA to 40 mA
0
°C to 125°C
5.6
6.8
5.9
6.5
V
Output voltage
IO = 1 mA to 70 mA
0
°C to 125°C
5.6
6.8
5.9
6.5
V
Input
VI = 8.5 V to 20 V
25
°C
35
200
35
175
mV
Input
voltage regulation
VI = 9 V to 20 V
25
°C
29
150
29
125
mV
Ripple rejection
VI = 10 V to 20 V,
f = 120 Hz
25
°C
39
48
40
48
dB
Output
IO = 1 mA to 100 mA
25
°C
16
80
16
80
mV
Output
voltage regulation
IO = 1 mA to 40 mA
25
°C
9
40
9
40
mV
Output
noise voltage
f = 10 Hz to 100 kHz
25
°C
46
46
µV
Dropout voltage
25
°C
1.7
1.7
V
Bias current
25
°C
3.9
6
3.9
6
mA
Bias current
125
°C
5.5
5.5
mA
Bias
VI = 9 V to 20 V
0
°C to 125°C
1.5
1.5
mA
Bias
current change
IO = 1 mA to 40 mA
0
°C to 125°C
0.2
0.1
mA
† Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are
measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output.
electrical characteristics at specified virtual junction temperature, VI = 14 V, IO = 40 mA (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TJ†
µA78L08C
µA78L08AC
UNIT
PARAMETER
TEST CONDITIONS
TJ†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VI = 10.5 V to 23 V, IO = 1 mA to 40 mA
25
°C
7.36
8
8.64
7.7
8
8.3
Output voltage
VI = 10.5 V to 23 V, IO = 1 mA to 40 mA
0
°C to 125°C
7.2
8.8
7.6
8.4
V
Output voltage
IO = 1 mA to 70 mA
0
°C to 125°C
7.2
8.8
7.6
8.4
V
Input voltage
VI = 10.5 V to 23 V
25
°C
42
200
42
175
mV
Input voltage
regulation
VI = 11 V to 23 V
25
°C
36
150
36
125
mV
Ripple rejection
VI = 13 V to 23 V,
f = 120 Hz
25
°C
36
46
37
46
dB
Output voltage
IO = 1 mA to 100 mA
25
°C
18
80
18
80
mV
Output voltage
regulation
IO = 1 mA to 40 mA
25
°C
10
40
10
40
mV
Output
noise voltage
f = 10 Hz to 100 kHz
25
°C
54
54
µV
Dropout voltage
25
°C
1.7
1.7
V
Bias current
25
°C
4
6
4
6
mA
Bias current
125
°C
5.5
5.5
mA
Bias
VI = 11 V to 23 V
0
°C to 125°C
1.5
1.5
mA
Bias
current change
IO = 1 mA to 40 mA
0
°C to 125°C
0.2
0.1
mA
† Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are
measured with a 0.33-
µF capacitor across the input and a 0.1-µF capacitor across the output.


Numéro de pièce similaire - UA78L09ACLP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UA78L09ACLP TI-UA78L09ACLP Datasheet
366Kb / 20P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L09ACLP TI-UA78L09ACLP Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L09ACLP TI-UA78L09ACLP Datasheet
534Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L09ACLP TI-UA78L09ACLP Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L09ACLP TI-UA78L09ACLP Datasheet
707Kb / 27P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Description similaire - UA78L09ACLP

FabricantNo de pièceFiches techniqueDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com