Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX79C5V6 Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce BZX79C5V6
Description  500 mW Hermetically Sealed Glass Zener Voltage Regulators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX79C5V6 Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZX79C5V6 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX79C5V6 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
BZX79C2V0 – BZX79C75
500 mW Hermetically Sealed Glass Zener
Voltage Regulators
DO-35
Features
Zener voltage range 2.0 to 75 volts
DO-35 package (JEDEC)
Through-hole device type mounting
Hermetically sealed glass
Compression bonded construction
All external surfaces are corrosion resistant
and leads are readily solderable
RoHS compliant
Solder hot(dip Tin(Sn) lead finish
Cathode indicated by polarity band
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Type Number
Symbol
Value
Units
Power Dissipation
Pd
500
mW
Maximum Forward Voltage
@ IF=100mA
VF
1.5
V
Storage Temperature Range
TSTG
-65 to + 200
OC
Operating Junction Temperature
TJ
+ 200
OC
These rating are limiting values above which the serviceability of the diode may be impaired.
Version: A07
Preliminary


Numéro de pièce similaire - BZX79C5V6

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BZX79C5V6 FAIRCHILD-BZX79C5V6 Datasheet
22Kb / 2P
   Series Half Watt Zeners
logo
Continental Device Indi...
BZX79C5V6 CDIL-BZX79C5V6 Datasheet
172Kb / 4P
   SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
logo
Fairchild Semiconductor
BZX79C5V6 FAIRCHILD-BZX79C5V6 Datasheet
47Kb / 5P
   Zeners
logo
Taiwan Semiconductor Co...
BZX79C5V6 TSC-BZX79C5V6 Datasheet
239Kb / 5P
   5% Tolerance Zener Diode
logo
EIC discrete Semiconduc...
BZX79C5V6 EIC-BZX79C5V6 Datasheet
36Kb / 2P
   ZENER DIODES
More results

Description similaire - BZX79C5V6

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
BZX79B2V4 TSC-BZX79B2V4 Datasheet
125Kb / 2P
   500 mW Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCLZJ2V0 TAK_CHEONG-TCLZJ2V0_11 Datasheet
459Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
ZMM3V0 TAK_CHEONG-ZMM3V0 Datasheet
300Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCLLZ5221B TAK_CHEONG-TCLLZ5221B Datasheet
81Kb / 3P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TCZM2V4B TAK_CHEONG-TCZM2V4B_11 Datasheet
467Kb / 6P
   500 mW LL-34 Hermetically Sealed Glass Zener Voltage Regulators
TC1N746A TAK_CHEONG-TC1N746A_10 Datasheet
3Mb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com