Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS1117CMXXRN Fiches technique(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS1117CMXXRN
Description  1A Low Dropout Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117CMXXRN Fiches technique(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS1117CMXXRN Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117CMXXRN Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117CMXXRN Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117CMXXRN Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117CMXXRN Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117CMXXRN Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1117CMXXRN Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1117CMXXRN Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1117CMXXRN Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TS1117
1A Low Dropout Positive Voltage Regulator
4/9
Version: A07
Application Information
Figure 6 – D
2PAK Thermal Resistance and Maximum Power
Dissipation vs. P.C.B Copper Length
Figure 7 – DPAK Thermal Resistance and Maximum Power
Dissipation vs. P.C.B Copper Length
Figure 8 – SOT-223 Thermal Resistance and Maximum Power
Dissipation vs. P.C.B Copper Length


Numéro de pièce similaire - TS1117CMXXRN

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS1117CM TSC-TS1117CM Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117CM-18 TSC-TS1117CM-18 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117CM-25 TSC-TS1117CM-25 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117CM-33 TSC-TS1117CM-33 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117CM-50 TSC-TS1117CM-50 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
More results

Description similaire - TS1117CMXXRN

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com