Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TS1117B Datasheet(Fiches technique) 4 Page - Taiwan Semiconductor Company, Ltd

Numéro de pièce TS1117B
Description  800mA Low Dropout Positive Voltage Regulator
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117B Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS1117B Datenblatt HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117B Datenblatt HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117B Datenblatt HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117B Datenblatt HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117B Datenblatt HTML 6Page - Taiwan Semiconductor Company, Ltd TS1117B Datenblatt HTML 7Page - Taiwan Semiconductor Company, Ltd TS1117B Datenblatt HTML 8Page - Taiwan Semiconductor Company, Ltd TS1117B Datenblatt HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TS1117B
800mA Low Dropout Positive Voltage Regulator
4/9
Version: A07
Application Information
Figure 7 ? DPAK Thermal Resistance and Maximum Power
Dissipation vs. P.C.B Copper Length
Figure 8 ? SOT-223 Thermal Resistance and Maximum Power
Dissipation vs. P.C.B Copper Length


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TS1117S800mA Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
LD1585C_055A Low dropout fast response positive voltage regulator adjustable and fixed 1 2 3 4 5 MoreSTMicroelectronics
TS1085_073A Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TS1086_071.5A Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TS1083_057.5A Low Dropout Positive Voltage Regulator 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
TS1115500mA Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
AMS2908_05800mA LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 5 MoreAdvanced Monolithic Systems
TS1118500mA Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TS1117_071A Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
REG1117_07800mA and 1A Low Dropout Positive Regulator 1.8V 2.5V 2.85 3.3V 5V and Adjustable 1 2 3 4 5 MoreBurr-Brown (TI)

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn