Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TS1117 Datasheet(Fiches technique) 3 Page - Taiwan Semiconductor Company, Ltd

Numéro de pièce TS1117
Description  1A Low Dropout Positive Voltage Regulator
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1117 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS1117 Datenblatt HTML 1Page - Taiwan Semiconductor Company, Ltd TS1117 Datenblatt HTML 2Page - Taiwan Semiconductor Company, Ltd TS1117 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1117 Datenblatt HTML 4Page - Taiwan Semiconductor Company, Ltd TS1117 Datenblatt HTML 5Page - Taiwan Semiconductor Company, Ltd TS1117 Datenblatt HTML 6Page - Taiwan Semiconductor Company, Ltd TS1117 Datenblatt HTML 7Page - Taiwan Semiconductor Company, Ltd TS1117 Datenblatt HTML 8Page - Taiwan Semiconductor Company, Ltd TS1117 Datenblatt HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TS1117
1A Low Dropout Positive Voltage Regulator
3/9
Version: A07
Electrical Characteristics Curve
FIGURE 1 ? Dropout Voltage vs. Output Current
FIGURE 2 ? Vout Change vs. Temperature
FIGURE 3 ? Output Short Circuit Current
vs. Differential Voltage
FIGURE 4 ? Output Short Circuit Current
vs. Temperature
FIGURE 5 ? Adjust Pin Current vs. Temperature
FIGURE 6 ? Iq Change vs. Temperature


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TC55_051 μA Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreMicrochip Technology
TS1118500mA Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TS1086_071.5A Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
GM6250ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AME1117_071A Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreAnalog Microelectronics
TS2937A500mA Ultra Low Dropout Fixed Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TS1115500mA Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TS291501.5A Ultra Low Dropout Fixed Positive Voltage Regulator 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
SVR1086-2.85MSVR1086-2.85M 2.85 thru 12Volts LOW DROPOUT POSITIVE LINEAR VOLTAGE REGULATOR 1 2 3 Solid States Devices, Inc
TS393003A Ultra Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn