Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TS1115CTXXB0 Datasheet(Fiches technique) 5 Page - Taiwan Semiconductor Company, Ltd

Numéro de pièce TS1115CTXXB0
Description  500mA Low Dropout Positive Voltage Regulator
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1115CTXXB0 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS1115CTXXB0 Datenblatt HTML 1Page - Taiwan Semiconductor Company, Ltd TS1115CTXXB0 Datenblatt HTML 2Page - Taiwan Semiconductor Company, Ltd TS1115CTXXB0 Datenblatt HTML 3Page - Taiwan Semiconductor Company, Ltd TS1115CTXXB0 Datenblatt HTML 4Page - Taiwan Semiconductor Company, Ltd TS1115CTXXB0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1115CTXXB0 Datenblatt HTML 6Page - Taiwan Semiconductor Company, Ltd TS1115CTXXB0 Datenblatt HTML 7Page - Taiwan Semiconductor Company, Ltd TS1115CTXXB0 Datenblatt HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS1115
500mA Low Dropout Positive Voltage Regulator
5/8
Version: A07
TO-92 Mechanical Drawing
Marking Diagram
XX = Voltage Code
(15=1.5V, 18=1.8V, 25=2.5V, 33=3.3V, 50=5V)
= Leave Blank for Adjustable type
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
TO-92 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.30
4.70
0.169
0.185
B
4.30
4.70
0.169
0.185
C
14.30(typ)
0.563(typ)
D
0.43
0.49
0.017
0.019
E
2.19
2.81
0.086
0.111
F
3.30
3.70
0.130
0.146
G
2.42
2.66
0.095
0.105
H
0.37
0.43
0.015
0.017


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TS1118500mA Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TS2937A500mA Ultra Low Dropout Fixed Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
RT9163500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreRichtek Technology Corporation
RT9163_07500mA Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreRichtek Technology Corporation
LD1585C_055A Low dropout fast response positive voltage regulator adjustable and fixed 1 2 3 4 5 MoreSTMicroelectronics
TS395005A Ultra Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TS1083_057.5A Low Dropout Positive Voltage Regulator 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
TS1117S800mA Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TS2937_07500mA Ultra Low Dropout Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TC55_051 μA Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreMicrochip Technology

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn