Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TS1115CTXXB0 Datasheet(Fiches technique) 2 Page - Taiwan Semiconductor Company, Ltd

Numéro de pièce TS1115CTXXB0
Description  500mA Low Dropout Positive Voltage Regulator
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1115CTXXB0 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS1115CTXXB0 Datenblatt HTML 1Page - Taiwan Semiconductor Company, Ltd TS1115CTXXB0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1115CTXXB0 Datenblatt HTML 3Page - Taiwan Semiconductor Company, Ltd TS1115CTXXB0 Datenblatt HTML 4Page - Taiwan Semiconductor Company, Ltd TS1115CTXXB0 Datenblatt HTML 5Page - Taiwan Semiconductor Company, Ltd TS1115CTXXB0 Datenblatt HTML 6Page - Taiwan Semiconductor Company, Ltd TS1115CTXXB0 Datenblatt HTML 7Page - Taiwan Semiconductor Company, Ltd TS1115CTXXB0 Datenblatt HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS1115
500mA Low Dropout Positive Voltage Regulator
2/8
Version: A07
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
15
V
Operation Input Supply Voltage (Recommend)
VIN (Opr. Typ.)
7
V
Power Dissipation (Note 2)
PD
Internal limited
TO-92
160
SOT-223
110
Thermal Resistance
Junction to Ambient
SOT-89
ӨJA
180
oC/W
Operating Junction Temperature Range
TJ
0 ~+125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
Electrical Specification (Ta = 25oC, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Reference Voltage
VIN = 2.75, Io=500mA
1.225
1.25
1.275
V
VIN = 3V~7V, Io=500mA
1.470
1.5
1.530
V
VIN = 3.3V~7V, Io=500mA
1.764
1.8
1.836
V
VIN = 4V~7V, Io=500mA
2.450
2.5
2.550
V
VIN = 4.8V~7V, Io=500mA
3.235
3.3
3.366
V
Output Voltage
VIN = 6.5V~7V, Io=500mA
4.900
5.0
5.100
V
Line Regulation
Vo+1.5V ≤ VIN ≤ 7V, Io= 10mA
--
0.015
0.2
%
Load Regulation (Note 1,2)
VIN = VOUT +1.5V
Io= 10mA ~ 500mA
--
0.05
1.0
%
Dropout Voltage
Io=500mA, ∆VOUT = 1% VOUT
--
1.3
1.5
V
Quiescent Current
VIN = 5V
--
8
10
mA
Adjustable Pin Current
--
90
--
uA
Output Current Limit
VIN - VOUT = 3V
1.1
--
--
A
Temperature Stability
Io=10mA,
--
0.5
--
%
Ripple Rejection
F= 120Hz, Io= 500mA, COUT = 25uF,
VIN = Vout+3V
--
60
70
dB
Note 1: See thermal regulation specification for changes in output voltage due to heating effects. Line and load
regulation are measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is
measured at the output lead = 1/18” from the package.
Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is
determined by the input / output voltage difference and the output current. Guaranteed maximum power
dissipation will not be available over the full input / output voltage range.
Note 3: Quiescent current is defined as the minimum output current required to maintain the regulation.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
TS1118500mA Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TS2937A500mA Ultra Low Dropout Fixed Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
RT9163500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreRichtek Technology Corporation
RT9163_07500mA Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreRichtek Technology Corporation
LD1585C_055A Low dropout fast response positive voltage regulator adjustable and fixed 1 2 3 4 5 MoreSTMicroelectronics
TS395005A Ultra Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TS1083_057.5A Low Dropout Positive Voltage Regulator 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
TS1117S800mA Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TS2937_07500mA Ultra Low Dropout Voltage Regulator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
TC55_051 μA Low Dropout Positive Voltage Regulator 1 2 3 4 5 MoreMicrochip Technology

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn