Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS1086CWXXRP Fiches technique(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS1086CWXXRP
Description  1.5A Low Dropout Positive Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1086CWXXRP Fiches technique(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS1086CWXXRP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1086CWXXRP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1086CWXXRP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1086CWXXRP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1086CWXXRP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1086CWXXRP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1086CWXXRP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1086CWXXRP Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS1086CWXXRP Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TS1086
1.5A Low Dropout Positive Voltage Regulator
5/9
Version: A07
TO-220 Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XX = Voltage Code
(1.5=1.5V, 1.8=1.8V, 2.5=2.5V, 3.3=3.3V, 5.0=5V)
= Package Code for Adjustable type
(CZ = TO-220)
TO-220 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.000
10.500
0.394
0.413
B
3.740
3.910
0.147
0.154
C
2.440
2.940
0.096
0.116
D
-
6.350
-
0.250
E
0.381
1.106
0.015
0.040
F
2.345
2.715
0.092
0.058
G
4.690
5.430
0.092
0.107
H
12.700
14.732
0.500
0.581
I
8.382
9.017
0.330
0.355
J
14.224
16.510
0.560
0.650
K
3.556
4.826
0.140
0.190
L
0.508
1.397
0.020
0.055
M
27.700
29.620
1.060
1.230
N
2.032
2.921
0.080
0.115
O
0.255
0.610
0.010
0.024
P
5.842
6.858
0.230
0.270


Numéro de pièce similaire - TS1086CWXXRP

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS1086CW TSC-TS1086CW Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
TS1086CW1.8 TSC-TS1086CW1.8 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
TS1086CW18 TSC-TS1086CW18 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
TS1086CW2.5 TSC-TS1086CW2.5 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
TS1086CW25 TSC-TS1086CW25 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
More results

Description similaire - TS1086CWXXRP

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1086 AME-AME1086 Datasheet
103Kb / 14P
   1.5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086_15 Datasheet
238Kb / 11P
   1.5A Low Dropout Positive Regulator
logo
Silicon Standard Corp.
SS6086 SSC-SS6086 Datasheet
514Kb / 7P
   1.5A Low Dropout Positive Regulator
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com