Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TS1086CZXXC0 Datasheet(Fiches technique) 6 Page - Taiwan Semiconductor Company, Ltd

Numéro de pièce TS1086CZXXC0
Description  1.5A Low Dropout Positive Voltage Regulator
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1086CZXXC0 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS1086CZXXC0 Datenblatt HTML 1Page - Taiwan Semiconductor Company, Ltd TS1086CZXXC0 Datenblatt HTML 2Page - Taiwan Semiconductor Company, Ltd TS1086CZXXC0 Datenblatt HTML 3Page - Taiwan Semiconductor Company, Ltd TS1086CZXXC0 Datenblatt HTML 4Page - Taiwan Semiconductor Company, Ltd TS1086CZXXC0 Datenblatt HTML 5Page - Taiwan Semiconductor Company, Ltd TS1086CZXXC0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1086CZXXC0 Datenblatt HTML 7Page - Taiwan Semiconductor Company, Ltd TS1086CZXXC0 Datenblatt HTML 8Page - Taiwan Semiconductor Company, Ltd TS1086CZXXC0 Datenblatt HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TS1086
1.5A Low Dropout Positive Voltage Regulator
6/9
Version: A07
TO-263 Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XX = Voltage Code
(1.5=1.5V, 1.8=1.8V, 2.5=2.5V, 3.3=3.3V, 5.0=5V)
= Package Code for Adjustable type
(CM = TO-263)
TO-263 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.000
10.500
0.394
0.413
B
14.605
15.875
0.575
0.625
C
0.508
0.991
0.020
0.039
D
2.420
2.660
0.095
0.105
E
4.064
4.830
0.160
0.190
F
1.118
1.400
0.045
0.055
G
0.450
0.730
0.018
0.029
H
8.280
8.800
0.325
0.346
I
1.140
1.400
0.044
0.055
J
1.480
1.520
0.058
0.060


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn