Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TS1086 Datasheet(Fiches technique) 1 Page - Taiwan Semiconductor Company, Ltd

Numéro de pièce TS1086
Description  1.5A Low Dropout Positive Voltage Regulator
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1086 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1086_07 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1086_07 Datenblatt HTML 2Page - Taiwan Semiconductor Company, Ltd TS1086_07 Datenblatt HTML 3Page - Taiwan Semiconductor Company, Ltd TS1086_07 Datenblatt HTML 4Page - Taiwan Semiconductor Company, Ltd TS1086_07 Datenblatt HTML 5Page - Taiwan Semiconductor Company, Ltd TS1086_07 Datenblatt HTML 6Page - Taiwan Semiconductor Company, Ltd TS1086_07 Datenblatt HTML 7Page - Taiwan Semiconductor Company, Ltd TS1086_07 Datenblatt HTML 8Page - Taiwan Semiconductor Company, Ltd TS1086_07 Datenblatt HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TS1086
1.5A Low Dropout Positive Voltage Regulator
1/9
Version: A07
TO-220
TO-263
(D
2PAK)
TO-252
(DPAK)
SOT-223
General Description
The TS1086 Series are high performance positive voltage regulators are designed for use in applications requiring
low dropout performance at full rated current, Additionally, the TS1086 Series provides excellent regulation over
variations due to changes in line, load and temperature. Outstanding features include low dropout performance at
rated current, fast transient response, internal current limiting and thermal shutdown protection of the output device.
The TS1086 Series are three terminal regulators with fixed and adjustable voltage options available in popular
packages.
Ordering Information
Part No.
Package
Packing
TS1086CZxx C0
TO-220
50pcs / Tube
TS1086CMxx RN
TO-263
800pcs / 13? Reel
TS1086CPxx RO
TO-252
2.5Kpcs / 13? Reel
TS1086CWxx RP
SOT-223
2.5Kpcs / 13? Reel
Note: Where xx denotes voltage option, available are
5.0V, 3.3V, 2.5V and 1.8V. Leave blank for
adjustable version. Contact factory for additional
voltage options.
Features
?
Low Dropout Performance 1.5V max.
?
Fill Current Rating Over Line and Temperature
?
Fast Transient Response
?
2% Total Output Regulation Over Line, Load and
Temperature
?
Adjust Pin Current max 90uA Over Temperature
?
Line Regulation Typical 0.015%
?
Load Regulation Typical 0.05%
?
Fixed / Adjustable Output Voltage
?
TO-220, TO-263, TO-252 and SOT-223 Package
Block Diagram
Typical Application Circuit
Fixed Output Voltage Version
VOUT = VREF(1+R2/R1) + Iadj R2
Adjustable Output Voltage Version
Pin Definition:
1. Fixed / Adj
2. Output
3. Input
Pin 2 connect to heat sink


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn