Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NJM2825 Fiches technique(PDF) 1 Page - New Japan Radio

No de pièce NJM2825
Description  Precision Micropower Shunt Voltage Reference
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NJRC [New Japan Radio]
Site Internet  http://www.njr.co.jp/index_e.htm
Logo NJRC - New Japan Radio

NJM2825 Fiches technique(HTML) 1 Page - New Japan Radio

  NJM2825 Datasheet HTML 1Page - New Japan Radio NJM2825 Datasheet HTML 2Page - New Japan Radio NJM2825 Datasheet HTML 3Page - New Japan Radio NJM2825 Datasheet HTML 4Page - New Japan Radio NJM2825 Datasheet HTML 5Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NJM2825
- 1 -
Ver.2007-09-28
Precision Micropower Shunt Voltage Reference
■GENERAL DESCRIPTION
■PACKAGE OUTLINE
■FEATURES
■PRODUCT VARIATION
● Precision Reference Voltage
1,200mV
±0.5%
● Low temperature coefficient
10ppm/
°C typ.
● Low Quiescent Current
0.7
µA max.
● No Output Capacitor Required
● Tolerates Capacitive Loads
● Bipolar Technology
● Package Outline
NJM2825F
: SOT-23-5 (MTP5)
■BLOCK DIAGRAM
■PIN CONFIGURATION
NJM2825
is a precision and low quiescent current shunt voltage
reference.
Reference voltage form bandgap circuit has guaranteed the high
accuracy of the ±0.5% with trimming. In addition the temperature drift of
10ppm/
°C typ. was actualized by the temperature compensating circuit.
The reference voltage circuit operates by consumed low quiescent current
of the 0.7
µA for low power technology.
The Output capacitor is unnecessary by the phase compensating circuit
which is built in. Tolerates capacitive loads, it is easy to use for application.
It is suitable for data converters, instrumentation, and other applications
where precision reference is required.
NJM2825F
NJM2825F
CATHODE
ANODE
FB
NC
1
2
3
5
4
NC
ANODE
FB
VREF
CATHODE
NJM2825
NJM2823
±0.4%, IMIN=60µA
±0.5%, IMIN=0.7µA


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn